Electronic Components Datasheet Search
  English  ▼

X  

WM8860 Datasheet(PDF) 149 Page - Wolfson Microelectronics plc

Part # WM8860
Description  Multi-Channel High Definition Audio CODEC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8860 Datasheet(HTML) 149 Page - Wolfson Microelectronics plc

Back Button WM8860 Datasheet HTML 145Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 146Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 147Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 148Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 149Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 150Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 151Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 152Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 153Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 184 page
background image
Pre-Production
WM8860
w
PP, April 2011, Rev 3.2
149
00h
01h
02h
03h
04h
05h
06h
07h
08h
09h
0Ah
0Bh
0Ch
0Dh
0Eh
0Fh
10h
11h
12h
13h
14h
15h
16h
17h
PORT-A PIN COMPLEX WIDGET (NID = 11H)
GET PARAMETER VERB
Verb ID
Payload [7:0]
Response[31:0]
Get
F00h
Parameter ID (PID)
Parameter Value
Audio Widget Capabilities Parameter (PID = 09h)
Bit
Bitfield Name
RW
Default
Description
[31:24]
Rsvd
R
00h
Reserved
[23:20]
Type
R
4h
Indicates that this is a Pin Complex Widget
[19:16]
Delay
R
0h
Latency not reported
[15:12]
Rsvd
R
0h
Reserved
[11]
L-R Swap
R
0
Left/Right swap capability not supported
[10]
PowerCntrl
R
0
Indicates that the Power State Verb is not supported in this widget
[9]
Digital
R
0
Indicates that this widget is translating analogue data
[8]
Conn List
R
1
Indicates that a connection list is present
[7]
Unsol Capable
R
1
Widget supports Unsolicited Responses
[6]
ProcWidget
R
0
Widget does not have processing capabilities
[5]
Stripe
R
0
Widget does not support striping
[4]
Format Override
R
0
Widget does not override the format defined for the AFG
[3]
Amp Parameter
Override
R
0
Not applicable as this widget does not have amplifier capabilities
[2]
Out Amp Present
R
0
Output amplifier not present in this widget
[1]
In Amp Present
R
0
Input amplifier not present in this widget
[0]
Stereo
R
1
Indicates that this is a stereo widget
Pin Capabilities Parameter (PID = 0Ch)
Bit
Bitfield Name
RW
Default
Description
[31:17]
Rsvd
R
0000h
Reserved
[16]
EAPD Capable
R
0
Widget does not support an EAPD pin
[15:8]
VRef Control
R
00h
VRef not supported for digital outputs
[7]
Rsvd
R
0
Reserved
[6]
Balanced I/O
Pins
R
0
Indicates that this widget does not have balanced pins
[5]
Input Capable
R
0
Indicates that this widget is not input capable
[4]
Output Capable
R
1
Indicates that this widget is output capable
[3]
Headphone
Drive Capable
R
1
Indicates that this widget has a headphone driver
[2]
Presence Detect
Capable
R
1
Indicates that this widget can perform presence detection
[1]
Trigger Required
R
0
Impedance measurement not supported
[0]
Impedance
Sense Capable
R
0
Impedance measurement not supported
Connection List Length Parameter (PID = 0Eh)
Bit
Bitfield Name
RW
Default
Description
[31:8]
Rsvd
R
000000h
Reserved
[7]
Long Form
R
0
Indicates that the connection list items are in short form
[6:0]
Connection List
Length
R
01h
Indicates that there is 1 NID entry in the connection list



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com