Electronic Components Datasheet Search
  English  ▼

X  

WM8860 Datasheet(PDF) 150 Page - Wolfson Microelectronics plc

Part # WM8860
Description  Multi-Channel High Definition Audio CODEC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8860 Datasheet(HTML) 150 Page - Wolfson Microelectronics plc

Back Button WM8860 Datasheet HTML 146Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 147Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 148Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 149Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 150Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 151Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 152Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 153Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 154Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 184 page
background image
WM8860
Pre-Production
w
PP, April 2011, Rev 3.2
150
GET CONNECTION LIST ENTRY VERB
Verb ID
Payload [7:0]
Response[31:0]
Get
F02h
00h
Bits [31:0] in the table below
Bit
Bitfield Name
RW
Default
Description
[31:24]
Conn List Entry 3
R
00h
Unused connection list entry
[23:16]
Conn List Entry 2
R
00h
Unused connection list entry
[15:8]
Conn List Entry 1
R
00h
Unused connection list entry
[7:0]
Conn List Entry 0
R
06h
Indicates that the Port-A Pin Widget connects to the DAC1 Widget (NID =
06h)
PIN WIDGET CONTROL VERB
Verb ID
Payload [7:0]
Response[31:0]
Get
F07h
00h
Bits [31:0] in the table below
Set
707h
Bits [7:0] in the table below
00000000h
Bit
Bitfield Name
RW
Default
Description
[31:8]
Rsvd
R
000000h
Reserved
[7]
H-Phn Enable
RW
0h
Headphone amplifier enable:
0 = Disable
1 = Enable
Note: If the H-Phn Enable register is set to 1, the actual gain setting
applied has an offset of −8dB from the setting configured by the Gain
register in the DAC1 Amplifier Gain/Mute Verb.
[6]
Out Enable
RW
1
Controls the output path:
0 = Output path is disabled
1 = Output path is enabled
[5]
In Enable
R
0
Not applicable for Port-A
[4:3]
Rsvd
R
0h
Reserved
[2:0]
VRefEn
R
0h
Selectable VRef not supported
UNSOLICITED RESPONSE VERB
Verb ID
Payload [7:0]
Response[31:0]
Get
F08h
00h
Bits [31:0] in the table below
Set
708h
Bits [7:0] in the table below
00000000h
Bit
Bitfield Name
RW
Default
Description
[31:8]
Rsvd
R
000000h
Reserved
[7]
Enable
RW
0
0 = Unsolicited Responses disabled for this node
1 = Unsolicited Responses enabled for this node
[6]
Rsvd
R
0
Reserved
[5:0]
Tag
RW
11h
A software programmable tag value that is returned in the top six bits
(31:26) of every Unsolicited Response from this node.
The default for Tag is equal to the Node ID.
Note: The Unsolicited Response for the AFG node is defined in the “Unsolicited Responses” section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com