Electronic Components Datasheet Search
  English  ▼

X  

WM8860 Datasheet(PDF) 152 Page - Wolfson Microelectronics plc

Part # WM8860
Description  Multi-Channel High Definition Audio CODEC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8860 Datasheet(HTML) 152 Page - Wolfson Microelectronics plc

Back Button WM8860 Datasheet HTML 148Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 149Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 150Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 151Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 152Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 153Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 154Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 155Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 156Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 184 page
background image
WM8860
Pre-Production
w
PP, April 2011, Rev 3.2
152
Bit
Bitfield Name
RW
Default
Description
[23:20]
Default Device
RW
0h
Indicates the intended use of Port-A:
0h = Line out
1h = Speaker
2h = Headphone out
3h = CD
4h = S/PDIF out
5h = Digital other out
6h = Modem line side
7h = Modem handset side
8h = Line in
9h = AUX
Ah = Mic in
Bh = Telephony
Ch = S/PDIF in
Dh = Digital other in
Eh = Reserved
Fh = Other
[19:16]
Connection Type
RW
1h
Indicates the type of physical interface on Port-A:
0h = Unknown
1h = 3.5mm stereo/mono jack
2h = ¼” stereo/mono jack
3h = ATAPI internal
4h = RCA jack (for analogue audio or coaxial S/PDIF)
5h = Optical
6h = Other digital
7h = Other analogue
8h = Multi-channel analogue (DIN)
9h = XLR/Professional
Ah = RJ-11 (modem)
Bh = Combination
Ch-Eh = Reserved
Fh = Other
[15:12]
Colour
RW
4h
Indicates the colour of the physical jack on Port-A:
0h = Unknown
1h = Black
2h = Grey
3h = Blue
4h = Green
5h = Red
6h = Orange
7h = Yellow
8h = Purple
9h = Pink
Ah-Dh = Reserved
Eh = White
Fh = Other
[11:8]
Misc
RW
0h
Presence detection override:
0 = Presence detection indicated by Pin Capabilities Parameter
1 = Presence detection not supported. If the Pin Capabilities Parameter
indicates that that presence detection is supported by the node, then this
bit is used to override it to indicate the external circuitry is not capable of
supporting presence detect
All other values are reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com