Electronic Components Datasheet Search
  English  ▼

X  

WM8860 Datasheet(PDF) 147 Page - Wolfson Microelectronics plc

Part # WM8860
Description  Multi-Channel High Definition Audio CODEC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8860 Datasheet(HTML) 147 Page - Wolfson Microelectronics plc

Back Button WM8860 Datasheet HTML 143Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 144Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 145Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 146Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 147Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 148Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 149Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 150Page - Wolfson Microelectronics plc WM8860 Datasheet HTML 151Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 184 page
background image
Pre-Production
WM8860
w
PP, April 2011, Rev 3.2
147
00h
01h
02h
03h
04h
05h
06h
07h
08h
09h
0Ah
0Bh
0Ch
0Dh
0Eh
0Fh
10h
11h
12h
13h
14h
15h
16h
17h
RESERVED (NID = 10H)
CONFIGURATION DEFAULT VERB
Verb ID
Payload [7:0]
Response[31:0]
Get
F1Ch
00h
40C000F0h
Set1
71Ch
11110000
00000000h
Set2
71Dh
00000000
00000000h
Set3
71Eh
11000000
00000000h
Set4
71Fh
01000000
00000000h
Note: The Configuration Default Verb is not fully supported on the WM8860. It is required that the System BIOS issues the
Set1, Set2, Set3 and Set4 Verbs as described above.
Note: The Configuration Default Verb is not reset to its default value during a reset from any source. The settings are only lost
when digital power is removed from the WM8860. When digital power is restored, the System BIOS must restore the settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com