Electronic Components Datasheet Search
  English  ▼

X  

WM8326 Datasheet(PDF) 38 Page - Wolfson Microelectronics plc

Part # WM8326
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326 Datasheet(HTML) 38 Page - Wolfson Microelectronics plc

Back Button WM8326 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 42Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 255 page
background image
WM8326
Production Data
w
PD, June 2012, Rev 4.0
38
ADDRESS
BIT
LABEL
DESCRIPTION
R16401
(4011h)
Interrupt Status
1
12
ON_PIN_CINT
ON pin interrupt.
(Rising and Falling Edge triggered)
Note: Cleared when a ‘1’ is written.
R16409
(4019h)
Interrupt Status
1 Mask
12
IM_ON_PIN_CINT
Interrupt mask.
0 = Do not mask interrupt.
1 = Mask interrupt.
Default value is 1 (masked)
Table 6 ON Pin Interrupt
11.7 RESET PIN FUNCTION
The RESET
¯¯¯¯¯¯ pin is an active low input/output which is used to command Hardware Resets in the
WM8326 and in other connected devices. The pin is an open-drain type, with integrated pull-up; it can
be driven low by external sources or by the WM8326 itself.
The WM8326 drives the RESET
¯¯¯¯¯¯ pin low in the OFF state. The output status of the RESET
¯¯¯¯¯¯ pin in
SLEEP is configurable; this is determined by the RST_SLPENA register bit as defined in Table 7.
The WM8326 clears the RESET
¯¯¯¯¯¯ pin following the transition to ON. On completion of the state
transition, the RESET
¯¯¯¯¯¯ pin is held low for a further delay time period, extending the RESET
¯¯¯¯¯¯ low
duration. The RESET
¯¯¯¯¯¯ delay period is set by the RST_DUR register bit. See Figure 6 for further
details.
The WM8326 detects a Hardware Reset request whenever the RESET
¯¯¯¯¯¯ pin is driven low by an
external source. In this event, the WM8326 resets the internal control registers (excluding the RTC)
and initiates a start-up sequence. See Section 24.
It is possible to mask the RESET
¯¯¯¯¯¯ pin input in the SLEEP state by setting the RST_SLP_MSK register
bit. In SLEEP mode, if RST_SLP_MSK is set, the WM8326 will take no action if the RESET
¯¯¯¯¯¯ pin is
pulled low.
Note that the RESET
¯¯¯¯¯¯ pin control registers are locked by the WM8326 User Key. These registers can
only be changed by writing the appropriate code to the Security register, as described in Section 12.4.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16390 (4006h)
Reset Control
5
RST_SLP_MSK
1
Masks the RESET
¯¯¯¯¯¯ pin input in
SLEEP mode
0 = External RESET
¯¯¯¯¯¯ active in SLEEP
1 = External RESET
¯¯¯¯¯¯ masked in
SLEEP
Protected by user key
4
RST_SLPENA
1
Sets the output status of RESET
¯¯¯¯¯¯ pin
in SLEEP
0 = RESET
¯¯¯¯¯¯ high (not asserted)
1 = RESET
¯¯¯¯¯¯ low (asserted)
Protected by user key
1:0
RST_DUR
11
Delay period for releasing RESET
¯¯¯¯¯¯
after ON or WAKE sequence
00 = 3ms
01 = 11ms
10 = 51ms
11 = 101ms
Protected by user key
Table 7 RESET Pin Control Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com