Electronic Components Datasheet Search
  English  ▼

X  

WM8326 Datasheet(PDF) 83 Page - Wolfson Microelectronics plc

Part # WM8326
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326 Datasheet(HTML) 83 Page - Wolfson Microelectronics plc

Back Button WM8326 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 87Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 255 page
background image
Production Data
WM8326
w
PD, June 2012, Rev 4.0
83
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16515 (4083h)
LDO10 Control
15:14
LDO10_ERR
_ACT [1:0]
00
Same as LDO7
12:11
LDO10_HW
C_SRC [1:0]
00
Same as LDO7
10
LDO10_HW
C_VSEL
0
Same as LDO7
9:8
LDO10_HW
C_MODE
00
Same as LDO7
7
LDO10_FLT
0
Same as LDO7
6
LDO10_SWI
0
Same as LDO7
R16516 (4084h)
LDO10 ON
Control
15:13
LDO10_ON_
SLOT [2:0]
000
Same as LDO7
8
LDO10_ON_
MODE
0
Same as LDO7
4:0
LDO10_ON_
VSEL [4:0]
00000
Same as LDO7
R16517 (4085h)
LDO10 SLEEP
Control
15:13
LDO10_SLP
_SLOT [2:0]
000
Same as LDO7
8
LDO10_SLP
_MODE
0
Same as LDO7
4:0
LDO10_SLP
_VSEL [4:0]
00000
Same as LDO7
Table 35 LDO Regulators 7-10 Control
The register controls for configuring the LDO Regulator 11 are defined in Table 36.
Note that the LDO11_ON_SLOT and LDO11_ON_VSEL fields may also be stored in the integrated
OTP memory. See Section 14 for details.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16519 (4087h)
LDO11 ON
Control
15:13
LDO11_ON_
SLOT [2:0]
000
LDO11 ON Slot select
000 = Do not enable
001 = Enable in Timeslot 1
010 = Enable in Timeslot 2
011 = Enable in Timeslot 3
100 = Enable in Timeslot 4
101 = Enable in Timeslot 5
110 = Controlled by Hardware Enable
1
111 = Controlled by Hardware Enable
2
12
LDO11_FRC
ENA
0
LDO11 Force Enable (forces LDO11
to be enabled at all times in the OFF,
ON and SLEEP states)
0 = Disabled
1 = Enabled
7
LDO11_VSE
L_SRC
0
LDO11 Voltage Select source
0 = Normal (LDO11 settings)
1 = Same as DC-DC Converter 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com