Electronic Components Datasheet Search
  English  ▼

X  

WM8326 Datasheet(PDF) 48 Page - Wolfson Microelectronics plc

Part # WM8326
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326 Datasheet(HTML) 48 Page - Wolfson Microelectronics plc

Back Button WM8326 Datasheet HTML 44Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 45Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 46Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 47Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 48Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 49Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 50Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 52Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 255 page
background image
WM8326
Production Data
w
PD, June 2012, Rev 4.0
48
13.3 CRYSTAL OSCILLATOR CONNECTIONS
The crystal oscillator generates a 32.768kHz reference clock, which is used to provide reference
clock for the Real Time Clock (RTC) in the WM8326. The oscillator requires an external crystal on the
XTI and XTO pins, as well as two capacitors, connected as shown in Figure 17.
Figure 17 Crystal Oscillator
A suitable crystal oscillator should be selected in accordance with the following requirements:
PARAMETER
MIN
MAX
UNITS
Nominal frequency
32.768
kHz
Series resistance
50
70
k
Maximum driving level
0.5
W
Table 18 Selection of Crystal Oscillator Component
The load capacitors C1 and C2 should be selected according to the recommended load capacitance,
CL of the crystal, which is given by the following equation:
Assuming C1 = C2 and CSTRAY = 2.75pF (typical pad i/o capacitance), then:
C1 = C2 = 2 x (CL - 2.75pF).
For example, if the crystal has a load capacitance CL = 9pF, then C1 = C2 = 12.5pF.
If a suitable 32.768kHz clock is already present elsewhere in the system, it is possible for the
WM8326 to use that external clock instead. The external clock should be applied to pin XTI, and the
XTO pin left floating in this case.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com