Electronic Components Datasheet Search
  English  ▼

X  

WM8326 Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM8326
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326 Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM8326 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 255 page
background image
Production Data
WM8326
w
PD, June 2012, Rev 4.0
9
3
PIN DESCRIPTION
Notes:
1.
Pins are sorted by functional groups.
2.
The power domain associated with each pin is noted; VPMIC is the domain powered by LDO12 for the ‘always-on’
functions internal to the WM8326.
3.
Note that an external level-shifter may be required when interfacing between different power domains.
PIN
NAME
TYPE
POWER
DOMAIN
DESCRIPTION
Clocking and Real Time Clock
Y12
XTO
Analogue Output
VPMIC
Crystal Drive Output
Y11
XTI
Analogue Input
Crystal Drive Input or 32.768kHz CMOS Clock Input
W11
XOSCGND
Supply
Crystal Oscillator Ground
H1
CLKOUT
Digital Output
DBVDD
CMOS Clock Output
Configurable Open Drain / CMOS mode. (External
4.7kΩ pull-up recommended in Open Drain mode.)
General Purpose Input / Output and Auxiliary ADC
D3
GPIO1
Digital I/O
DBVDDor
VPMIC
GPIO Pin 1
Selectable pull-up/pull-down.
F2
GPIO2
Digital I/O
GPIO Pin 2
Selectable pull-up/pull-down.
F3
GPIO3
Digital I/O
GPIO Pin 3
Selectable pull-up/pull-down.
W4
GPIO4
Digital I/O
DBVDDor
PVDD
GPIO Pin 4
Selectable pull-up/pull-down.
Y4
GPIO5
Digital I/O
GPIO Pin 5
Selectable pull-up/pull-down.
W5
GPIO6
Digital I/O
GPIO Pin 6
Selectable pull-up/pull-down.
H2
GPIO7
Digital I/O
DBVDDor
VPMIC
GPIO Pin 7
Selectable pull-up/pull-down.
H3
GPIO8
Digital I/O
GPIO Pin 8
Selectable pull-up/pull-down.
K3
GPIO9
Digital I/O
GPIO Pin 9
Selectable pull-up/pull-down.
Y5
GPIO10
Digital I/O
DBVDDor
PVDD
GPIO Pin 10 / Auxiliary ADC input
Selectable GPIO pull-up/pull-down.
Y6
GPIO11
Digital I/O
GPIO Pin 11 / Auxiliary ADC input
Selectable GPIO pull-up/pull-down.
W6
GPIO12
Digital I/O
GPIO Pin 12 / Auxiliary ADC input
Selectable GPIO pull-up/pull-down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com