Electronic Components Datasheet Search
  English  ▼

X  

WM8326 Datasheet(PDF) 93 Page - Wolfson Microelectronics plc

Part # WM8326
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326 Datasheet(HTML) 93 Page - Wolfson Microelectronics plc

Back Button WM8326 Datasheet HTML 89Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 90Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 91Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 92Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 93Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 94Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 95Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 96Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 97Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 255 page
background image
Production Data
WM8326
w
PD, June 2012, Rev 4.0
93
Typical Connections
The typical connections to DC-DC Converter 1 are illustrated in Figure 20. The equivalent circuit
applies to DC-DC Converters 2, 3 and 4 also.
The input voltage connection to DC-DC Converters 1-4 is provided on DC1VDD, DC2VDD, DC3VDD
and DC3VDD respectively; these pins must be connected to the PVDD power supply voltage node.
Figure 20 DC-DC Synchonous Buck Converter Connections
The recommended output capacitor COUT varies according to the required transient response. Note
that the DCm_CAP register field must be set according to the output capacitance on each DC-DC
Converter in order to achieve best performance.
In the case of DC-DC1 and DC-DC2, the recommended inductor component varies according to the
DCm_FREQ register field. This register supports a choice of different switching frequencies and
inductor components.
See Section 30.3 for details of specific recommended external components.
DC-DC3 / DC-DC4 Dual Mode
DC-DC Converters 3 and 4 can be configured to operate in ‘Dual’ mode, where the two converters are
ganged together to support an increased current capability. This mode is selected by setting the
DC4_SLV bit in the OTP/ICE memory configuration registers.
When DC-DC3 and DC-DC4 are operating in dual mode, the external component configuration for
each converter is the same as previously noted for single converters. The output load connection
points (Vo) are simply connected together as shown in Figure 21.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com