Electronic Components Datasheet Search
  English  ▼

X  

WM8326 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8326
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8326 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 255 page
background image
WM8326
Production Data
w
PD, June 2012, Rev 4.0
10
PIN
NAME
TYPE
POWER
DOMAIN
DESCRIPTION
Processor Interface and IC Control
W9
ON
¯¯¯
Digital Input
VPMIC
ON Request Pin
(Internal pull-up)
B10
RESET
¯¯¯¯¯¯
Digital I/O
DBVDD
System Reset Input and Open Drain Output.
(Internal pull-up)
A11
IRQ
¯¯¯
Digital Output
DBVDD
PMIC Interrupt Flag Output.
Configurable Open Drain / CMOS mode.
(Internal pull-up in Open Drain mode.)
E1
CIFMODE
Digital Input
DBVDD
Primary Control Interface Mode Select:
0 = I
2C Compatible Control Interface Mode
1 = SPI Compatible Control Interface Mode
SPI Compatible Control
Interface Mode
I
2C Compatible Control
Interface Mode
D2
SDOUT1
Digital Output
DBVDD
Control Interface Serial
Data Out.
Open Drain output;
external 4.7kΩ pull-up
recommended.
No Function
B9
SCLK1
Digital Input
Control Interface Serial
Clock
Control Interface Serial
Clock
A9
SDA1
Digital I/O
Control Interface Serial
Data In
Control Interface Serial
Data Input and Open
Drain Output.
External 4.7kΩ pull-up
recommended.
(Output can extend above
DBVDD domain.)
A10
CS
¯¯
Digital Input
Control Interface Chip
Select
I
2C Address Select:
0 = 68h
1 = 6Ch
Y10
SCLK2
Digital I/O
VPMIC
Control Interface Serial Clock for external
InstantConfig
TM EEPROM (ICE)
(Internal pull-down)
W10
SDA2
Digital I/O
Control Interface Serial Data to/from external
InstantConfig
TM EEPROM (ICE)
(Internal pull-down)
B11
DBVDD1
Supply
Digital Buffer Supply
F1
DBVDD2
Supply
Digital Buffer Supply
OTP Memory
Y3
PROGVDD
Supply
High-voltage input for OTP programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com