Electronic Components Datasheet Search
  English  ▼

X  

WM8326 Datasheet(PDF) 94 Page - Wolfson Microelectronics plc

Part # WM8326
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326 Datasheet(HTML) 94 Page - Wolfson Microelectronics plc

Back Button WM8326 Datasheet HTML 90Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 91Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 92Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 93Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 94Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 95Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 96Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 97Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 98Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 255 page
background image
WM8326
Production Data
w
PD, June 2012, Rev 4.0
94
WM8326
DC4_SLV = 1
DC3LX
DC3GND
DC3FB
VO
DC4VDD
2.7V – 5.5V
L
COUT
CIN
DC4LX
DC4FB
VO
L
COUT
DC3VDD
CIN
DC4GND
Load
Figure 21 DC-DC3 / DC-DC4 Dual Mode Converter Connections
The recommended output capacitor COUT varies according to the required transient response. Note
that the DCm_CAP register field must be set according to the output capacitance on each DC-DC
Converter in order to achieve best performance.
See Section 30.3 for details of specific recommended external components.
15.15 LDO REGULATOR OPERATION
15.15.1 OVERVIEW
The WM8326 provides 11 LDO Regulators. Four of these are low-noise analogue LDOs. One of the
LDO Regulators (LDO11) can be configured to be enabled even when the WM8326 is in the OFF
state. The principal characteristics of the LDO Regulators are shown below.
LDO1
LDO2, 3
LDO4, 5, 6
LDO7, 8
LDO9, 10
LDO11
Converter Type
General
Purpose
General
Purpose
General
Purpose
Analogue
Analogue
General
Purpose
Input Voltage Range
1.5V to 5.5V
1.5V to 5.5V
1.5V to 5.5V
1.71V to 5.5V
1.71V to 5.5V
1.8V to 5.5V
Output Voltage Range
0.9V to 3.3V
0.9V to 3.3V
0.9V to 3.3V
1.0V to 3.5V
1.0V to 3.5V
0.8V to 1.55V
Load Current Rating
Up to 300mA
Up to
200mA
Up to
100mA
Up to 200mA
Up to 150mA
Up to 25mA
Pass device
impedance @ 2.5V
1
1
2
1
2
n/a
Table 43 LDO Regulator Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com