Electronic Components Datasheet Search
  English  ▼

X  

WM8326 Datasheet(PDF) 101 Page - Wolfson Microelectronics plc

Part # WM8326
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326 Datasheet(HTML) 101 Page - Wolfson Microelectronics plc

Back Button WM8326 Datasheet HTML 97Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 98Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 99Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 100Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 101Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 102Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 103Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 104Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 105Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 255 page
background image
Production Data
WM8326
w
PD, June 2012, Rev 4.0
101
18.4 DIGITAL COMPARATORS
The WM8326 has four digital comparators which may be used to compare AUXADC measurement
data against programmable threshold values. Each comparator has a status bit, and also an
associated interrupt flag (described in Section 18.5), which indicates that the associated data is
beyond the threshold value.
The digital comparators are enabled using the DCMPn_ENA register bits as described in Table 45.
After an AUXADC conversion, the measured value is compared with the threshold level of any
associated comparator(s). Note that this comparison is only performed following a conversion.
The source data for each comparator is selected using the DCMPn_SRC register bits; this selects
one of the AUXADC channels for each comparator. If required, the same AUXADC channel may be
selected for more than one comparator; this would allow more than one threshold to be monitored on
the same AUXADC channel. Note that the Backup Battery voltage input can only be monitored using
DCMP4.
The DCMPn_GT register bits select whether the status bit and associated interrupt flag will be
asserted when the measured value is above the threshold or when the measured value is below the
threshold. The output of the most recent threshold comparison is indicated in the DCOMPn_STS
fields.
The threshold DCMPn_THR is a 12-bit code for each comparator. This field follows the same voltage
or temperature coding as the associated AUXADC channel source (see Section 18.3).
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16432 (4030h)
Comparator
Control
11
DCOMP4_STS
0
Digital Comparator 4 status
0 = Comparator 4 threshold not
detected
1 = Comparator 4 threshold detected
(Trigger is controlled by DCMP4_GT)
10
DCOMP3_STS
0
Digital Comparator 3 status
0 = Comparator 3 threshold not
detected
1 = Comparator 3 threshold detected
(Trigger is controlled by DCMP3_GT)
9
DCOMP2_STS
0
Digital Comparator 2 status
0 = Comparator 2 threshold not
detected
1 = Comparator 2 threshold detected
(Trigger is controlled by DCMP2_GT)
8
DCOMP1_STS
0
Digital Comparator 1 status
0 = Comparator 1 threshold not
detected
1 = Comparator 1 threshold detected
(Trigger is controlled by DCMP1_GT)
3
DCMP4_ENA
0
Digital Comparator 4 Enable
0 = Disabled
1 = Enabled
2
DCMP3_ENA
0
Digital Comparator 3 Enable
0 = Disabled
1 = Enabled
1
DCMP2_ENA
0
Digital Comparator 2 Enable
0 = Disabled
1 = Enabled
0
DCMP1_ENA
0
Digital Comparator 1 Enable
0 = Disabled
1 = Enabled
R16433 (4031h)
Comparator 1
15:13
DCMP1_SRC
[2:0]
000
Digital Comparator 1 source select
0 = Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com