Electronic Components Datasheet Search
  English  ▼

X  

WM8326 Datasheet(PDF) 166 Page - Wolfson Microelectronics plc

Part # WM8326
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326 Datasheet(HTML) 166 Page - Wolfson Microelectronics plc

Back Button WM8326 Datasheet HTML 162Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 163Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 164Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 165Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 166Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 167Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 168Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 169Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 170Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 255 page
background image
WM8326
Production Data
w
PD, June 2012, Rev 4.0
166
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16429
(402Dh)
AuxADC
Data
15:12
AUX_DATA_S
RC [3:0]
0000
AUXADC Data Source
1 = GPIO10
2 = GPIO11
3 = GPIO12
5 = Chip Temperature
7 = PVDD voltage
All other values are Reserved
11:0
AUX_DATA
[11:0]
0000_0000
_0000
AUXADC Measurement Data
Voltage (mV) = AUX_DATA x 1.465
ChipTemp (°C) = (498 - AUX_DATA) / 1.09
Register 402Dh AuxADC Data
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16430
(402Eh)
AuxADC
Control
15
AUX_ENA
0
AUXADC Enable
0 = Disabled
1 = Enabled
Note - this bit is reset to 0 when the OFF power state is
entered.
14
AUX_CVT_EN
A
0
AUXADC Conversion Enable
0 = Disabled
1 = Enabled
In automatic mode, conversions are enabled by setting
this bit.
In manual mode (AUX_RATE = 0), setting this bit will
initiate a conversion; the bit is reset automatically after
each conversion.
12
AUX_SLPENA
0
AUXADC SLEEP Enable
0 = Disabled
1 = Controlled by AUX_ENA
5:0
AUX_RATE
[5:0]
00_0000
AUXADC Conversion Rate
0 = Manual
1 = 2 samples/s
2 = 4 samples/s
3 = 6 samples/s
…
31 = 62 samples/s
32 = Reserved
33 = 16 samples/s
34 = 32 samples/s
35 = 48 samples/s
…
63 = 496 samples/s
Register 402Eh AuxADC Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com