Electronic Components Datasheet Search
  English  ▼

X  

WM8326 Datasheet(PDF) 200 Page - Wolfson Microelectronics plc

Part # WM8326
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326 Datasheet(HTML) 200 Page - Wolfson Microelectronics plc

Back Button WM8326 Datasheet HTML 196Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 197Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 198Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 199Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 200Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 201Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 202Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 203Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 204Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 255 page
background image
WM8326
Production Data
w
PD, June 2012, Rev 4.0
200
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
11 = 32.768ms steps
3:2
DC4_STNBY_L
IM [1:0]
01
DC-DC4 Current Limit
Sets the maximum DC output current in Hysteretic
Mode.
00 = 50mA
01 = 100mA
10 = 200mA
11 = 400mA
Protected by security key.
1:0
DC4_CAP [1:0]
00
DC-DC4 Output Capacitor
00 = 10uF to 20uF
01 = 10uF to 20uF
10 = 22uF to 45uF
11 = 47uF to 100uF
This field can only be written to by loading configuration
settings from OTP/ICE. In all other cases, this field is
Read Only.
Register 4064h DC4 Control 1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16485
(4065h) DC4
Control 2
15:14
DC4_ERR_AC
T [1:0]
00
DC-DC4 Error Action (Undervoltage)
00 = Ignore
01 = Shut down converter
10 = Shut down system (Device Reset)
11 = Reserved
Note that an Interrupt is always raised.
12:11
DC4_HWC_SR
C [1:0]
00
DC-DC4 Hardware Control Source
00 = Disabled
01 = Hardware Control 1
10 = Hardware Control 2
11 = Hardware Control 1 or 2
10
DC4_HWC_VS
EL
0
DC-DC4 Hardware Control Voltage select
0 = Set by DC4_ON_VSEL
1 = Set by DC4_SLP_VSEL
9:8
DC4_HWC_M
ODE [1:0]
11
DC-DC4 Hardware Control Operating Mode
00 = Forced Continuous Conduction Mode
01 = Disabled
10 = LDO Mode
11 = Hysteretic Mode
7
DC4_OVP
0
DC-DC4 Overvoltage Protection
0 = Disabled
1 = Enabled
Register 4065h DC4 Control 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com