Electronic Components Datasheet Search
  English  ▼

X  

WM8326 Datasheet(PDF) 216 Page - Wolfson Microelectronics plc

Part # WM8326
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326 Datasheet(HTML) 216 Page - Wolfson Microelectronics plc

Back Button WM8326 Datasheet HTML 212Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 213Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 214Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 215Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 216Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 217Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 218Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 219Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 220Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 255 page
background image
WM8326
Production Data
w
PD, June 2012, Rev 4.0
216
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
4:0
LDO7_SLP_VS
EL [4:0]
0_0000
LDO7 SLEEP Voltage select
1.0V to 1.6V in 50mV steps
1.7V to 3.5V in 100mV steps
00h = 1.00V
01h = 1.05V
02h = 1.10V
…
0Ch = 1.60V
0Dh = 1.70V
…
1Eh = 3.40V
1Fh = 3.50V
Register 407Ch LDO7 SLEEP Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16509
(407Dh)
LDO8
Control
15:14
LDO8_ERR_A
CT [1:0]
00
LDO8 Error Action (Undervoltage)
00 = Ignore
01 = Shut down regulator
10 = Shut down system (Device Reset)
11 = Reserved
Note that an Interrupt is always raised.
12:11
LDO8_HWC_S
RC [1:0]
00
LDO8 Hardware Control Source
00 = Disabled
01 = Hardware Control 1
10 = Hardware Control 2
11 = Hardware Control 1 or 2
10
LDO8_HWC_V
SEL
0
LDO8 Hardware Control Voltage select
0 = Set by LDO8_ON_VSEL
1 = Set by LDO8_SLP_VSEL
9:8
LDO8_HWC_M
ODE [1:0]
10
LDO8 Hardware Control Operating Mode
00 = Low Power mode
01 = Turn converter off
10 = Low Power mode
11 = Set by LDO8_ON_MODE
7
LDO8_FLT
0
LDO8 Output float
0 = LDO8 output discharged when disabled
1 = LDO8 output floating when disabled
6
LDO8_SWI
0
LDO8 Switch Mode
0 = LDO mode
1 = Switch mode
Register 407Dh LDO8 Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com