Electronic Components Datasheet Search
  English  ▼

X  

WM8326 Datasheet(PDF) 224 Page - Wolfson Microelectronics plc

Part # WM8326
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326 Datasheet(HTML) 224 Page - Wolfson Microelectronics plc

Back Button WM8326 Datasheet HTML 220Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 221Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 222Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 223Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 224Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 225Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 226Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 227Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 228Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 255 page
background image
WM8326
Production Data
w
PD, June 2012, Rev 4.0
224
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
7:5
EPE1_SLP_SL
OT [2:0]
000
EPE1 SLEEP Slot select
000 = No action
001 = Disable in Timeslot 5
010 = Disable in Timeslot 4
011 = Disable in Timeslot 3
100 = Disable in Timeslot 2
101 = Disable in Timeslot 1
110 = No action
111 = No action
Register 4089h EPE1 Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16522
(408Ah)
EPE2
Control
15:13
EPE2_ON_SL
OT [2:0]
000
EPE2 ON Slot select
000 = Do not enable
001 = Enable in Timeslot 1
010 = Enable in Timeslot 2
011 = Enable in Timeslot 3
100 = Enable in Timeslot 4
101 = Enable in Timeslot 5
110 = Controlled by Hardware Enable 1
111 = Controlled by Hardware Enable 2
12:11
EPE2_HWC_S
RC [1:0]
00
EPE2 Hardware Control Source
00 = Disabled
01 = Hardware Control 1
10 = Hardware Control 2
11 = Hardware Control 1 or 2
8
EPE2_HWCEN
A
0
EPE2 Hardware Control Enable
0 = EPE2 is controlled by EPE2_ENA (Hardware
Control input(s) are ignored)
1 = EPE2 is controlled by HWC inputs (Hardware
Control input(s) force EPE2 to be de-asserted)
7:5
EPE2_SLP_SL
OT [2:0]
000
EPE2 SLEEP Slot select
000 = No action
001 = Disable in Timeslot 5
010 = Disable in Timeslot 4
011 = Disable in Timeslot 3
100 = Disable in Timeslot 2
101 = Disable in Timeslot 1
110 = No action
111 = No action
Register 408Ah EPE2 Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com