Electronic Components Datasheet Search
  English  ▼

X  

WM8326 Datasheet(PDF) 230 Page - Wolfson Microelectronics plc

Part # WM8326
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326 Datasheet(HTML) 230 Page - Wolfson Microelectronics plc

Back Button WM8326 Datasheet HTML 226Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 227Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 228Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 229Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 230Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 231Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 232Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 233Page - Wolfson Microelectronics plc WM8326 Datasheet HTML 234Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 255 page
background image
WM8326
Production Data
w
PD, June 2012, Rev 4.0
230
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
110 = Controlled by Hardware Enable 1
111 = Controlled by Hardware Enable 2
4:0
DC3_ON_VSE
L [6:2]
0_0000
DC-DC3 ON Voltage select
DC3_ON_VSEL [6:0] selects the DC-DC3 output
voltage from 0.85V to 3.4V in 25mV steps.
DC3_ON_VSEL [6:2] controls the voltage in 100mV
steps.
DC3_ON_VSEL [6:0] is coded as follows:
00h = 0.85V
01h = 0.875V
…
65h = 3.375V
66h to 7Fh = 3.4V
Register 7812h DC2 OTP Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R30739
(7813h) DC3
OTP Control
15
DC4_PHASE
0
DC-DC4 Clock Phase Control
0 = Normal
1 = Inverted
14
DC3_PHASE
0
DC-DC3 Clock Phase Control
0 = Normal
1 = Inverted
13
DC2_PHASE
1
DC-DC2 Clock Phase Control
0 = Normal
1 = Inverted
12
DC1_PHASE
0
DC-DC1 Clock Phase Control
0 = Normal
1 = Inverted
11:10
DC4_CAP [1:0]
00
DC-DC4 Output Capacitor
00 = 10uF to 20uF
01 = 10uF to 20uF
10 = 22uF to 45uF
11 = 47uF to 100uF
This field can only be written to by loading configuration
settings from OTP/ICE. In all other cases, this field is
Read Only.
9:8
DC3_CAP [1:0]
00
DC-DC3 Output Capacitor
00 = 10uF to 20uF
01 = 10uF to 20uF
10 = 22uF to 45uF
11 = 47uF to 100uF
This field can only be written to by loading configuration
settings from OTP/ICE. In all other cases, this field is
Read Only.
7:6
DC2_CAP [1:0]
00
DC-DC2 Output Capacitor
00 = Reserved
01 = Reserved
10 = 22uF to 47uF
11 = Reserved
This field can only be written to by loading configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com