Electronic Components Datasheet Search
  English  ▼

X  

PCA9534ADWR Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9534ADWR
Description  Multi-Cal-System Evaluation Module
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCA9534ADWR Datasheet(HTML) 27 Page - Texas Instruments

Back Button PCA9534ADWR Datasheet HTML 23Page - Texas Instruments PCA9534ADWR Datasheet HTML 24Page - Texas Instruments PCA9534ADWR Datasheet HTML 25Page - Texas Instruments PCA9534ADWR Datasheet HTML 26Page - Texas Instruments PCA9534ADWR Datasheet HTML 27Page - Texas Instruments PCA9534ADWR Datasheet HTML 28Page - Texas Instruments PCA9534ADWR Datasheet HTML 29Page - Texas Instruments PCA9534ADWR Datasheet HTML 30Page - Texas Instruments PCA9534ADWR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 35 page
background image
Place jumpers on Slave
in the Slave1a and Slave1b
positions
USB DAQ: Generates
signals and controls
Interface boards:
Sensors connect here
Master and
Slave Mux
DMM and
power supply
www.ti.com
Expanding the System Size
Figure 28 shows the jumpers on the Multi-Cal-Slave board that identify the board location. The jumpers on
each slave board must be in a unique position. For the first slave board connected, set the jumpers in the
Slave1a and Slave1b position. As you add additional boards, increment the jumper position. For example,
on the second board connected, use the Slave2a and Slave2b position.
Figure 28. Jumper Locations and Positions for Expanding System Size
The final step to expanding the system is to connect the interface-cables from the slave to an interface
board. Figure 29 shows the complete system connection for a 16-channel system (that is, one master and
one slave).
Figure 29. Complete Expanded System
27
SBOU087A
– August 2010 – Revised April 2011
Multi-Cal-System Evaluation Module
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com