Electronic Components Datasheet Search
  English  ▼

X  

PCA9534ADWR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9534ADWR
Description  Multi-Cal-System Evaluation Module
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCA9534ADWR Datasheet(HTML) 12 Page - Texas Instruments

Back Button PCA9534ADWR Datasheet HTML 8Page - Texas Instruments PCA9534ADWR Datasheet HTML 9Page - Texas Instruments PCA9534ADWR Datasheet HTML 10Page - Texas Instruments PCA9534ADWR Datasheet HTML 11Page - Texas Instruments PCA9534ADWR Datasheet HTML 12Page - Texas Instruments PCA9534ADWR Datasheet HTML 13Page - Texas Instruments PCA9534ADWR Datasheet HTML 14Page - Texas Instruments PCA9534ADWR Datasheet HTML 15Page - Texas Instruments PCA9534ADWR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
Starter System Setup
www.ti.com
Figure 11 shows the jumper setup on Multi-Cal-Interface PCA. The Multi-Cal-Interface PCA has eight
jumpers that allow you to choose between current mode sensor modules (for example, 4 mA to 20 mA)
and voltage mode sensor modules (such as 0-V to 5-V output). Place all jumpers in the V position for
voltage mode; alternatively, place all jumpers in the I position for current mode.
Figure 11. Jumpers on Multi-Cal-Interface PCA Card
12
Multi-Cal-System Evaluation Module
SBOU087A
– August 2010 – Revised April 2011
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com