Electronic Components Datasheet Search
  English  ▼

X  

PCA9534ADWR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9534ADWR
Description  Multi-Cal-System Evaluation Module
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCA9534ADWR Datasheet(HTML) 4 Page - Texas Instruments

  PCA9534ADWR Datasheet HTML 1Page - Texas Instruments PCA9534ADWR Datasheet HTML 2Page - Texas Instruments PCA9534ADWR Datasheet HTML 3Page - Texas Instruments PCA9534ADWR Datasheet HTML 4Page - Texas Instruments PCA9534ADWR Datasheet HTML 5Page - Texas Instruments PCA9534ADWR Datasheet HTML 6Page - Texas Instruments PCA9534ADWR Datasheet HTML 7Page - Texas Instruments PCA9534ADWR Datasheet HTML 8Page - Texas Instruments PCA9534ADWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Slave Ribbon Cable
Multi-Cal-Slave PCA
Multi-Cal-Interface PCA
Terminal block
for connection to
sensor module
DSUB37 connection to
Multi-Cal-Master or
Multi-Cal-Slave
DSUB9 connection to
Multi-Cal-Test EVM
Overview
www.ti.com
Figure 2 shows the Multi-Cal-Slave kit. Each Multi-Cal-Slave kit enables you to expand the system by
eight channels. For example, a Multi-Cal-Master kit and one Multi-Cal-Slave kit combine to form a
16-channel system. Seven Multi-Cal-Slave boards and a single Multi-Cal-Master combine to form a
64-channel system.
Figure 2. Multi-Cal-Slave Kit
The Multi-Cal-Slave kit contains these items:
•
Multi-Cal-Slave PCB: The slave board adds eight measurement channels to the system. The slave
board is almost identical to the master board. The primary difference between the master and the slave
is that the master connects to the USB DAQ Platform and the slave connects to the master via a
ribbon cable, as shown in Figure 2.
•
Slave Ribbon cable: The Slave Ribbon cable connects all the signals and power from the master to
the slave. Note that power is distributed across several wires to minimize loss.
Figure 3 shows the Multi-Cal-Interface PCA card. The Multi-Cal-Interface can be used to connect the
sensor modules to the system. The Multi-Cal-Test boards can also be connected to this board. The
Multi-Cal-Interface board connects to the master or slave via the Multi-Cal-Interface cable on the 37-pin
DSUB connectors.
Figure 3. Multi-Cal-Interface PCA Card
4
Multi-Cal-System Evaluation Module
SBOU087A
– August 2010 – Revised April 2011
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com