Electronic Components Datasheet Search
  English  ▼

X  

PCA9534ADWR Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9534ADWR
Description  Multi-Cal-System Evaluation Module
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCA9534ADWR Datasheet(HTML) 32 Page - Texas Instruments

Back Button PCA9534ADWR Datasheet HTML 27Page - Texas Instruments PCA9534ADWR Datasheet HTML 28Page - Texas Instruments PCA9534ADWR Datasheet HTML 29Page - Texas Instruments PCA9534ADWR Datasheet HTML 30Page - Texas Instruments PCA9534ADWR Datasheet HTML 31Page - Texas Instruments PCA9534ADWR Datasheet HTML 32Page - Texas Instruments PCA9534ADWR Datasheet HTML 33Page - Texas Instruments PCA9534ADWR Datasheet HTML 34Page - Texas Instruments PCA9534ADWR Datasheet HTML 35Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Bill of Materials
www.ti.com
Table 5. Multi-Cal-System EVM Board Parts List (continued)
No.
Qty
Ref Des
Description
Vendor
Part Number
49
4
JMP1, JMP2,
Header, 3 pos 0.100
"
Samtec
TSW-103-07-G-S
JMP4, JMP4
SGL Gold
50
4
JMP1, JMP2,
Shunt LP w/handle 2
Tyco Electronics
881545-2
JMP4, JMP5
pos 30AU
51
1
T1
Terminal block 5 mm
ON SHORE TECHNOLOGY
ED300/3
3POS
52
1
T6
Terminal block 5 mm
ON SHORE TECHNOLOGY
ED300/2
2POS
53
16
M1-M8 and USB
Standoff Hex M/F 4-40
Keystone Electronics
8406
DAQ Standoffs
1.125
"ALUM
(bottom)
54
16
M1-M8 and USB
Standoff Hex 4-40 Thr
Keystone Electronics
2201
DAQ Standoffs
alum .250
"
(top)
55
6
Use on J0, J1, J9 Female Screwlock 4-40
Norcomp Inc.
SFSO4401NR
.312
"
32
Multi-Cal-System Evaluation Module
SBOU087A
– August 2010 – Revised April 2011
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com