Electronic Components Datasheet Search
  English  ▼

X  

PCA9534ADWR Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9534ADWR
Description  Multi-Cal-System Evaluation Module
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCA9534ADWR Datasheet(HTML) 29 Page - Texas Instruments

Back Button PCA9534ADWR Datasheet HTML 25Page - Texas Instruments PCA9534ADWR Datasheet HTML 26Page - Texas Instruments PCA9534ADWR Datasheet HTML 27Page - Texas Instruments PCA9534ADWR Datasheet HTML 28Page - Texas Instruments PCA9534ADWR Datasheet HTML 29Page - Texas Instruments PCA9534ADWR Datasheet HTML 30Page - Texas Instruments PCA9534ADWR Datasheet HTML 31Page - Texas Instruments PCA9534ADWR Datasheet HTML 32Page - Texas Instruments PCA9534ADWR Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
www.ti.com
Bill of Materials
5
Bill of Materials
Table 5 shows the parts list for the Multi-Cal-System EVM board.
Table 5. Multi-Cal-System EVM Board Parts List
No.
Qty
Ref Des
Description
Vendor
Part Number
1
9
C006, C106,
Capacitor, 10000pF
KEMET
C0603C103K5RACTU
C206, C306,
50V CERAMIC X7R
C406, C506,
0603
C606, C706, C71
2
53
C6, C5, C60,
Capacitor, .10
μF 25V
KEMET
C0603C104M3VACTU
C61, C62, C840,
Ceramic,Y5V 0603
C842, C907,
C908, C909,
C910, C901,
C902, C903,
C904, C905,
C906, C911,
C912, C913,
C914, C915,
C916, C921,
C928, C929,
C938, C970,
C971, C972,
C973, C001,
C002, C101,
C102, C201,
C202, C301,
C302, C401,
C402, C501,
C502, C601,
C602, C701,
C702, C811,
C812, C813,
C814, C820, C70
3
2
C56, C57
Capacitor, Ceramic,
Murata Electronics North
GRM188R61E105KA12D
1
μF 25V X5R 0603
America
4
6
C54, C55, C50,
Capacitor, Tantalum
Nichicon
F931V475MCC
C51, C65, C72
4.7
μF 35V 20% SMD
5
4
C1, C2, C3, C4
Capacitor, Ceramic,
Vishay/Vitramon
VJ1206Y103KXGAT5Z
.01
μF 10% 1000V X7R
1206
6
1
R938
Resistor, 49.9 k
Ω
Panasonic - ECG
ERJ-3EKF4992V
1/10W 1% 0603 SMD
7
1
R8
Resistor, 1 M
Ω 1%
Stackpole Electronics Inc
HVCB 1206 T2 1M 1% I
1206 TF High Voltage
8
8
R0, R1, R2, R3,
Resistor, 499
Ω 1/10W
Panasonic - ECG
ERJ-3EKF4990V
R4, R5, R6, R7
1% 603 SMD
9
23
R006, R106,
Resistor, 100
Ω 1/10W
Stackpole Electronics Inc
RMCF 1/16 100 5% R
R206, R306,
5% 0603 SMD
R406, R506,
R606, R706,
R007, R107,
R207, R307,
R407, R507,
R607,
R707,R939,
R917, R916,
R963, R964,
R965, R966
10
8
R004, R104,
Resistor, 200
Ω 1/4W
Stackpole Electronics Inc
RMCF 1/8 200 5% R
R204, R304,
5% 1206 SMD
R404, R504,
R604, R704,
29
SBOU087A
– August 2010 – Revised April 2011
Multi-Cal-System Evaluation Module
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com