Electronic Components Datasheet Search
  English  ▼

X  

PCA9534ADWR Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # PCA9534ADWR
Description  Multi-Cal-System Evaluation Module
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCA9534ADWR Datasheet(HTML) 28 Page - Texas Instruments

Back Button PCA9534ADWR Datasheet HTML 24Page - Texas Instruments PCA9534ADWR Datasheet HTML 25Page - Texas Instruments PCA9534ADWR Datasheet HTML 26Page - Texas Instruments PCA9534ADWR Datasheet HTML 27Page - Texas Instruments PCA9534ADWR Datasheet HTML 28Page - Texas Instruments PCA9534ADWR Datasheet HTML 29Page - Texas Instruments PCA9534ADWR Datasheet HTML 30Page - Texas Instruments PCA9534ADWR Datasheet HTML 31Page - Texas Instruments PCA9534ADWR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
You can also see in the Windows Device Manager the USB Human Interface Device
that corresponds to the USB-DIG Platform. Note the address is: PID = 2F90.
Troubleshooting Tips
www.ti.com
4
Troubleshooting Tips
The most common issues that can occur with the Multi-Cal-System are communication problems.
Figure 30 shows the message that occurs if you have a communications problem. If you get this message,
use the Windows Device Manager to check the status of the USB-DIG-Platform.
Figure 30. Communications Error Message
Figure 31 shows the Windows Device Manager and the active connection for a USB-driven human
interface device. When you plug and unplug the USB cable, you can see the device appear and disappear
from the list. Select your device and review the details. It should show up as a Human Interface Device
with PID = 2F90, 2F91, 2F92, or 2F93. If it appears as a good USB device, but is not a human interface
device, then the firmware was not programmed properly.
Figure 31. WIndows Device Manager: Active Human Interface Device Connection
28
Multi-Cal-System Evaluation Module
SBOU087A
– August 2010 – Revised April 2011
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com