Electronic Components Datasheet Search
  English  ▼

X  

RT5002 Datasheet(PDF) 34 Page - Richtek Technology Corporation

Part # RT5002
Description  7 1 Channel DC/DC PMU with Li-Ion Battery Charger for DSC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5002 Datasheet(HTML) 34 Page - Richtek Technology Corporation

Back Button RT5002 Datasheet HTML 30Page - Richtek Technology Corporation RT5002 Datasheet HTML 31Page - Richtek Technology Corporation RT5002 Datasheet HTML 32Page - Richtek Technology Corporation RT5002 Datasheet HTML 33Page - Richtek Technology Corporation RT5002 Datasheet HTML 34Page - Richtek Technology Corporation RT5002 Datasheet HTML 35Page - Richtek Technology Corporation RT5002 Datasheet HTML 36Page - Richtek Technology Corporation RT5002 Datasheet HTML 37Page - Richtek Technology Corporation RT5002 Datasheet HTML 38Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
RT5002
34
DS5002-00
November 2011
www.richtek.com
RT5002 Operation State Diagram for Charging
Operation State Diagram for TS Pin (TSSEL = L)
Any State
74% x VVP < VTS < 2.85V
Or VTS < 28% x VVP
No
Yes
TS fault State
ICHG = 0A
TS_FAULT = 1
VTS > 2.85V
No
Yes
Battery Remove State
ICHG = 0A
Reset timer and NoBAT = 1
Any State
or VIN < VUVLO,
or VIN > VOVP,
Or VIN - VBAT < VOS_H
or USUS = 1
or ENCH = 1
Charger
Disable
Standby State
Sleep State
VIN – VBAT
> VOS_H
VBAT > 3V
Pre-Charge State
ICHG_PRE =
10% x ICHG_FAST
Time > tPCHG
Fast-Charge State
If ISET = 1
ICHG_FAST = (VISETA / RISETA) x 300
If ISET = 0
ICHG_FAST = (VISETA / RISETA) x 150
If VSET = 1
Check VBAT > 4.1V
If VSET = 0
Check VBAT > 3.95V
Time > tTERMI = 25msec
Charge Done State
EOC = 1 & ICHG = 0A
If VSET = 1
Check VBAT < 4.1V
If VSET = 0
Check VBAT < 3.95V
Re-Charge State
Timer-Out State
SAFE = 1
& ICHG to 1mA
Time > tFCHG
VUVLO< VIN < VOVP
& ENCH = 0
& USUS = 0
No
Yes
Yes
No
Yes
No
Yes
No
Yes
Yes
No
Yes
Yes
No
Yes
No
ISETL = 0 & ISETU = 1
ISETL = 1 & ISETU = X
Check ICHG < 10% x ICHG_FAST
If ISETL = 0 & ISETU = 0
Check ICHG < 3.3% x ICHG_FAST
If



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com