Electronic Components Datasheet Search
  English  ▼

X  

RT5002 Datasheet(PDF) 26 Page - Richtek Technology Corporation

Part # RT5002
Description  7 1 Channel DC/DC PMU with Li-Ion Battery Charger for DSC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5002 Datasheet(HTML) 26 Page - Richtek Technology Corporation

Back Button RT5002 Datasheet HTML 22Page - Richtek Technology Corporation RT5002 Datasheet HTML 23Page - Richtek Technology Corporation RT5002 Datasheet HTML 24Page - Richtek Technology Corporation RT5002 Datasheet HTML 25Page - Richtek Technology Corporation RT5002 Datasheet HTML 26Page - Richtek Technology Corporation RT5002 Datasheet HTML 27Page - Richtek Technology Corporation RT5002 Datasheet HTML 28Page - Richtek Technology Corporation RT5002 Datasheet HTML 29Page - Richtek Technology Corporation RT5002 Datasheet HTML 30Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 40 page
background image
RT5002
26
DS5002-00
November 2011
www.richtek.com
CH7 WLED Current Dimming Control
If CH7 is in synchronous step-up mode or current source
mode, the WLED current is set by an external resistor.
Regardless of the mode, dimming is always controlled
by the I
2C interface.
The WLED current can be set by the following equations :
ILED (mA) = [250mV / R (W)] x EN7_DIM7 [4:0] / 31
where R is the current sense resistor from FB7 to GND
and EN7_DIM7 [4:0] / 31 ratio refers to the I
2C control
register file. It is recommended that CH7 input power
connects to the node SYS in order to prevent abnormal
CH7 start-up.
VDDM Bootstrap
To support bootstrap function, the RT5002 includes a
power selection circuit which selects between SYS and
PVD1 to create the internal node voltage VDDI and VDDM.
VDDM is the power of the RT5002 PMU control circuits
which must be connected to an external decoupling
capacitor by way of the VDDM pin. VDDI is the power
input of the RTC LDO. The output PVD1 of CH1 can
bootstrap VDDM and VDDI. The RT5002 includes UVLO
circuits to monitor VDDM and SYS voltage status.
RTC LDO
The RT5002 provides a 3.3V output LDO for real-time clock.
The LDO features low quiescent current (3
µA) and high
output voltage accuracy. This LDO is always on, even when
the system is shut down. For better stability, it is
recommended to connect a 0.1
µF capacitor to the
RTCPWR pin. The RTC LDO includes pass transistor body
diode control to avoid the RTCPWR node from back-
charging into the input node VDDI.
Power On/Off Sequence for CH1 to CH4
EN1234 will turn on/off CH1 to CH4 in preset sequence.
CH1 to CH4 Power on Sequence is :
When EN1234 goes high, CH1 will turn on first. 3.5ms
after CH1 is turned on, CH3 will turn on. 3.5ms after CH3
is turned on, CH4 will turn on. 3.5ms after CH4 is turned
on, CH2 will turn on.
CH1 to CH4 Power off Sequence is :
When EN1234 goes low, CH2 will turn off first and internally
discharge output. When FB2 < 0.1V, CH4 will turn off and
also internally discharge output via the LX4 pin. When
FB4 < 0.1V, CH3 will turn off and internally discharge output
via the LX3 pin. Likewise, when FB3 < 0.1V, CH1 will turn
off and discharge output. After FB1 < 0.1V, CH1 to 4
shutdown sequence will be completed.
Charger Unit
The RT5002 includes a Li-ion battery charger with
Automatic Power Path Management. The charger is
designed to operate in below modes :
Pre-Charge Mode
When the output voltage is lower than 2.8V, the charging
current will be reduced to a fast-charge current ratio set
by RISETA to protect the battery life-time.
Fast-charge Mode
When the output voltage is higher than 3V, the charging
current will be equal to the fast-charge current set by
RISETA.
Constant Voltage Mode
When the output voltage is near 4.2V and the charging
current falls below the termination current, after a deglitch
time check of 25ms, the charger will become disabled.
Re-charge Mode
When the chip is in charge termination mode, the charging
current gradually goes down to zero. However, once the
voltage of the battery drops to below 4.1V, there will be a
deglitch time of 100ms and then the charging current will
resume again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com