Electronic Components Datasheet Search
  English  ▼

X  

RT5002 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT5002
Description  7 1 Channel DC/DC PMU with Li-Ion Battery Charger for DSC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5002 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT5002 Datasheet HTML 5Page - Richtek Technology Corporation RT5002 Datasheet HTML 6Page - Richtek Technology Corporation RT5002 Datasheet HTML 7Page - Richtek Technology Corporation RT5002 Datasheet HTML 8Page - Richtek Technology Corporation RT5002 Datasheet HTML 9Page - Richtek Technology Corporation RT5002 Datasheet HTML 10Page - Richtek Technology Corporation RT5002 Datasheet HTML 11Page - Richtek Technology Corporation RT5002 Datasheet HTML 12Page - Richtek Technology Corporation RT5002 Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
RT5002
9
DS5002-00
November 2011
www.richtek.com
To be continued
Absolute Maximum Ratings
(Note 1)
Battery Input Voltage, BAT ---------------------------------------------------------------------------
−0.3V to 6V
Supply Voltage, VDDM --------------------------------------------------------------------------------
−0.3V to 6V
Supply Input Voltage, VIN ----------------------------------------------------------------------------
−0.3V to 28V
BATS, INT ------------------------------------------------------------------------------------------------
−0.3V to 28V
Other Pins ------------------------------------------------------------------------------------------------
−0.3V to 6V
Power Switch (DC) :
VOUT6 ----------------------------------------------------------------------------------------------------
−10V to 0.3V
LX1, LX2, LX3, LX4 -------------------------------------------------------------------------------------
−0.3V to 6V
PVD5, LX5 ------------------------------------------------------------------------------------------------
−0.3V to 24V
PVD7, LX7 ------------------------------------------------------------------------------------------------
−0.3V to 17V
LX6 --------------------------------------------------------------------------------------------------------- (PVD6
− 16V) to (PVD6 + 0.3V)
INT Continuous Current ------------------------------------------------------------------------------- 20mA
BAT Continuous Current (total in two pins) (Note 2) ----------------------------------------- 2.5A
Power Dissipation, PD @ TA = 25
°C
WQFN-40L 5x5 ----------------------------------------------------------------------------------------- 2.778W
Package Thermal Resistance (Note 3)
WQFN-40L 5x5,
θJA ------------------------------------------------------------------------------------36°C/W
WQFN-40L 5x5,
θJC -----------------------------------------------------------------------------------7°C/W
Junction Temperature ---------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------ 260
°C
Storage Temperature Range -------------------------------------------------------------------------
−65°C to 125°C
ESD Susceptibility (Note 4)
HBM (Human Body Mode) --------------------------------------------------------------------------- 2kV
MM (Machine Mode) ----------------------------------------------------------------------------------- 200V
Recommended Operating Conditions
(Note 5)
Supply Voltage, VDDM -------------------------------------------------------------------------------- 2.7V to 5.5V
Supply Input Voltage, VIN (ISETL = 1) ------------------------------------------------------------ 4.4V to 6V
Supply Input Voltage, VIN (ISETL = 0) ------------------------------------------------------------ 4.5V to 6V
Junction Temperature Range -------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range -------------------------------------------------------------------------
−40°C to 85°C
Electrical Characteristics
Power Converter Unit : (VDDM = 4.2V, TA = 25
°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Supply Voltage
SYS Startup Voltage for PMU
VST
1.5
--
--
V
SYS UVLO (Hysteresis Low)
--
1.3
--
V
SYS UVLO Hysteresis (Gap)
--
0.2
--
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com