Electronic Components Datasheet Search
  English  ▼

X  

RT5002 Datasheet(PDF) 38 Page - Richtek Technology Corporation

Part # RT5002
Description  7 1 Channel DC/DC PMU with Li-Ion Battery Charger for DSC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5002 Datasheet(HTML) 38 Page - Richtek Technology Corporation

Back Button RT5002 Datasheet HTML 32Page - Richtek Technology Corporation RT5002 Datasheet HTML 33Page - Richtek Technology Corporation RT5002 Datasheet HTML 34Page - Richtek Technology Corporation RT5002 Datasheet HTML 35Page - Richtek Technology Corporation RT5002 Datasheet HTML 36Page - Richtek Technology Corporation RT5002 Datasheet HTML 37Page - Richtek Technology Corporation RT5002 Datasheet HTML 38Page - Richtek Technology Corporation RT5002 Datasheet HTML 39Page - Richtek Technology Corporation RT5002 Datasheet HTML 40Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 38 / 40 page
background image
RT5002
38
DS5002-00
November 2011
www.richtek.com
Protection
Type
Threshold (Typical)
Refer to Electrical
spec.
Protection Methods
IC
Shutdown
Delay Time
Reset Method
SYS
UVLO
SYS < 1.3V
PMU Shutdown.
No-delay
VDDM power reset or
EN1234 pin set to low
OVP
VDDM > 6V
Automatic reset at
VDDM < 5.75V
100ms
VDDM power reset or
EN1234 pin set to low
VDDM
UVLO
VDDM < 2.4V
PMU Shutdown.
No-delay
VDDM power reset or
EN1234 pin set to low
Current
limit
N-MOSFET current >
3A
N-MOSFET off,
P-MOSFET off.
Automatic reset at
next clock cycle.
100ms
VDDM power reset or
EN1234 pin set to low
PVD1 OVP
PVD1 > 6V
N-MOSFET off,
P-MOSFET off.
No-delay
VDDM power reset or
EN1234 pin set to low
PVD1 UVP
PVD1 < (VSYS
− 0.8V)
or PVD1 < 1.28V after
soft-start end.
N-MOSFET off,
P-MOSFET off.
100ms
VDDM power reset or
EN1234 pin set to low
FB1 UVP
FB1 < 0.4V after
pre-charge
N-MOSFET off,
P-MOSFET off
No-delay
VDDM power reset or
EN1234 pin set to low
CH1
Step-Up
FB1 Over
Load (OL)
FB1 < 0.7V
PMU Shutdown
when OL occur each
cycle until 100ms.
100ms
VDDM power reset or
EN1234 pin set to low
Current
limit
P-MOSFET current >
1.8A
N-MOSFET off,
P-MOSFET off.
Automatic reset at
next clock cycle.
100ms
VDDM power reset or
EN1234 pin set to low
FB2 UVP
FB2 < 0.4V after
soft-start end.
N-MOSFET off,
P-MOSFET off.
100ms
VDDM power reset or
EN1234 pin set to low
CH2
Step-Down
FB2 Over
Load
FB2 < 0.7V
PMU Shutdown
when OL occur each
cycle until 100ms.
100ms
VDDM power reset or
EN1234 pin set to low
Current
limit
P-MOSFET current >
1.6A
N-MOSFET off,
P-MOSFET off.
Automatic reset at
next clock cycle.
100ms
VDDM power reset or
EN1234 pin set to low
FB3 UVP
FB3 < 0.4V after
soft-start end.
N-MOSFET off,
P-MOSFET off.
100ms
VDDM power reset or
EN1234 pin set to low
CH3
Step-Down
FB3 Over
Load
FB3 < 0.7V
PMU Shutdown
when OL occur each
cycle until 100ms.
100ms
VDDM power reset or
EN1234 pin set to low
Current
limit
P-MOSFET current >
1.6A
N-MOSFET off,
P-MOSFET off.
Automatic reset at
next clock cycle.
100ms
VDDM power reset or
EN1234 pin set to low
FB4 UVP
FB4 < 0.4V after
soft-start end.
N-MOSFET off,
P-MOSFET off.
100ms
VDDM power reset or
EN1234 pin set to low
CH4
Step-Down
FB4 Over
Load
FB4 < 0.7V
PMU Shutdown
when OL occur each
cycle until 100ms.
100ms
VDDM power reset or
EN1234 pin set to low
To be continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com