Electronic Components Datasheet Search
  English  ▼

X  

RT5002 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT5002
Description  7 1 Channel DC/DC PMU with Li-Ion Battery Charger for DSC
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5002 Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT5002 Datasheet HTML 2Page - Richtek Technology Corporation RT5002 Datasheet HTML 3Page - Richtek Technology Corporation RT5002 Datasheet HTML 4Page - Richtek Technology Corporation RT5002 Datasheet HTML 5Page - Richtek Technology Corporation RT5002 Datasheet HTML 6Page - Richtek Technology Corporation RT5002 Datasheet HTML 7Page - Richtek Technology Corporation RT5002 Datasheet HTML 8Page - Richtek Technology Corporation RT5002 Datasheet HTML 9Page - Richtek Technology Corporation RT5002 Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
RT5002
6
DS5002-00
November 2011
www.richtek.com
Pin No.
Pin Name
Pin Function
33, 34
BAT
Battery Charge Current Output.
35, 36
SYS
System Connect Pin. Connect this pin to system with a minimum 10
μF ceramic
capacitor to GND.
37
VIN
Supply Voltage Input.
38
RTCPWR
RTC Power Output.
39
PVD1
Power Output of CH1.
40
LX1
Switch Node of CH1.
41
(Exposed Pad)
GND
Ground. The exposed pad must be soldered to a large PCB and connected to
GND for maximum thermal dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com