Electronic Components Datasheet Search
  English  ▼

X  

RT8205 Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT8205
Description  High Efficiency, Main Power Supply Controllers for Notebook Computers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8205 Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT8205 Datasheet HTML 4Page - Richtek Technology Corporation RT8205 Datasheet HTML 5Page - Richtek Technology Corporation RT8205 Datasheet HTML 6Page - Richtek Technology Corporation RT8205 Datasheet HTML 7Page - Richtek Technology Corporation RT8205 Datasheet HTML 8Page - Richtek Technology Corporation RT8205 Datasheet HTML 9Page - Richtek Technology Corporation RT8205 Datasheet HTML 10Page - Richtek Technology Corporation RT8205 Datasheet HTML 11Page - Richtek Technology Corporation RT8205 Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
RT8205A/B/C
8
DS8205A/B/C-06 July 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
GND [Pin 15 (RT8205A), Exposed Pad (25)]
Analog Ground for SMPS controller. The exposed pad
must be soldered to a large PCB and connected to GND
for maximum power dissipation.
PGND (Pin 15) (RT8205B/C)
Power Ground for SMPS controller. Connect PGND
externally to the underside of the exposed pad.
VIN (Pin 16)
High Voltage Power Supply Input for 5V/3.3V LDO and
Feed-forward ON-Time circuitry.
VREG5 (Pin 17)
5V Linear Regulator Output.VREG5 is also the supply
voltage for the low-side MOSFET driver and analog supply
voltage for the device.
NC (Pin 18) (RT8205A)
No Internal Connection.
LG1_CP (Pin 18) (RT8205B)
Alternative LGATE1 Output for 14V charge pump.
SECFB (Pin 18) (RT8205C)
The SECFB is used to monitor the optional external 14V
charge pump. Connect a resistive voltage-divider from 14V
charge pump output to GND to detect the output. If SECFB
drops below the threshold voltage, LGATE1 turns on for
300ns (typ.). This will refresh the external charge pump
driven by LGATE1 without over-discharging the output
voltage.
LGATE1 (Pin 19)
SMPS1 Synchronous-Rectifier Gate-Drive Output.
LGATE1 swings between GND and VREG5.
PHASE1 (Pin 20)
Inductor Connection for SMPS1. PHASE1 is the internal
lower supply rail for the UGATE1 high-side gate driver.
PHASE1 is also the current-sense input for the SMPS1.
UGATE1 (Pin 21)
High-Side MOSFET Floating Gate-Driver Output for
SMPS1. UGATE1 swings between PHASE1 and BOOT1.
BOOT1 (Pin 22)
Boost Flying Capacitor Connection for SMPS1. Connect
to an external capacitor according to the typical application
circuits.
PGOOD (Pin 23)
Power Good Output for channel 1 and channel 2. (Logical
AND)
VOUT1 (Pin 24)
SMPS1 Output Voltage-Sense Input. Connect to the
SMPS1 output. VOUT1 is an input to the on-time one-
shot circuit. It also serves as the SMPS1 feedback input
in fixed-voltage mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com