Electronic Components Datasheet Search
  English  ▼

X  

RT8205 Datasheet(PDF) 24 Page - Richtek Technology Corporation

Part # RT8205
Description  High Efficiency, Main Power Supply Controllers for Notebook Computers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8205 Datasheet(HTML) 24 Page - Richtek Technology Corporation

Back Button RT8205 Datasheet HTML 20Page - Richtek Technology Corporation RT8205 Datasheet HTML 21Page - Richtek Technology Corporation RT8205 Datasheet HTML 22Page - Richtek Technology Corporation RT8205 Datasheet HTML 23Page - Richtek Technology Corporation RT8205 Datasheet HTML 24Page - Richtek Technology Corporation RT8205 Datasheet HTML 25Page - Richtek Technology Corporation RT8205 Datasheet HTML 26Page - Richtek Technology Corporation RT8205 Datasheet HTML 27Page - Richtek Technology Corporation RT8205 Datasheet HTML 28Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
RT8205A/B/C
24
DS8205A/B/C-06 July 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
P-P
LOAD(MAX)
V
ESR
I
≤
VREG5 connects to VOUT1 through an internal switch
only when VOUT1 is above the VREG5 automatic switch
threshold (4.66V). VREG3 connects to VOUT2 through
an internal switch only when VOUT2 is above the VREG3
automatic switch threshold (3.06V). This is the most
effective way when the fixed output voltages are used.
Once VREGx is supplied from VOUTx, the internal linear
regulator turns off. This reduces internal power dissipation
and improves efficiency when the VREGx is powered with
a high input voltage.
Figure 6. Setting VOUTx with a Resistor-Divider
Output Inductor Selection
The switching frequency (on-time) and operating point (%
ripple or LIR) determine the inductor value as shown as
follows :
ON
IN
OUTx
IR
LOAD(MAX)
T(V
V
)
L =
LI
×−
×
where LIR is the ratio of the peak to peak ripple current to
the average inductor current.
2
SAG
OUTx
LOAD
OFF(MIN)
IN
IN
OUTx
OUT
OUTx
OFF(MIN)
IN
V
V
(I
)
L
K
T
V
=
VV
2C
V
K
T
V
⎛⎞
Δ× ×
+
⎜⎟
⎝⎠
⎡⎤
−
⎛⎞
××
×
−
⎜⎟
⎢⎥
⎝⎠
⎣⎦
Where minimum off-time (TOFF(MIN)) = 300ns (typ.) and K
is from Table 1.
Output Capacitor Selection
The output filter capacitor must have low enough ESR to
meet output ripple and load-transient requirements, yet
have high enough ESR to satisfy stability requirements.
Also, the capacitance value must be high enough to
absorb the inductor energy going from a full-load to no-
load condition without tripping the OVP circuit.
For CPU core voltage converters and other applications
where the output is subject to violent load transients, the
output capacitor's size depends on how much ESR is
needed to prevent the output from dipping too low under a
load transient. Ignoring the sag due to finite capacitance :
PHASEx
LGATEx
R1
R2
VOUTx
VIN
UGATEx
VOUTx
FBx
GND
PGND
Find a low-loss inductor having the lowest possible DC
resistance that fits in the allotted dimensions. Ferrite cores
are often the best choice, although powdered iron is
inexpensive and can work well at 200kHz. The core must
be large enough not to saturate at the peak inductor current
(IPEAK) :
IPEAK = ILOAD(MAX) + [(LIR / 2) x ILOAD(MAX)]
This inductor ripple current also impacts transient-response
performance, especially at low VIN
− VOUTx differences.
Low inductor values allow the inductor current to slew
faster, replenishing charge removed from the output filter
capacitors by a sudden load step. The peak amplitude of
the output transient VSAG is also a function of the output
transient. The VSAG also features a function of the
maximum duty factor, which can be calculated from the
on-time and minimum off-time :
Output Voltage Setting (FBx)
Connect FBx directly to GND or VREG5 to enable the
fixed, SMPS output voltages (3.3V and 5V). Connect a
resistor voltage-divider at the FBx between the VOUTx
and GND to adjust the respective output voltage between
2V and 5.5V (Figure 6). Choose R2 to be approximately
10k
Ω, and solve for R1 using the equation :
OUTx
FBx
R1
V
= V
1
R2
⎡⎤
⎛⎞
×+ ⎜⎟
⎢⎥
⎝⎠
⎣⎦
where VFBx is 2V (typ.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com