Electronic Components Datasheet Search
  English  ▼

X  

RT8205 Datasheet(PDF) 16 Page - Richtek Technology Corporation

Part # RT8205
Description  High Efficiency, Main Power Supply Controllers for Notebook Computers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8205 Datasheet(HTML) 16 Page - Richtek Technology Corporation

Back Button RT8205 Datasheet HTML 12Page - Richtek Technology Corporation RT8205 Datasheet HTML 13Page - Richtek Technology Corporation RT8205 Datasheet HTML 14Page - Richtek Technology Corporation RT8205 Datasheet HTML 15Page - Richtek Technology Corporation RT8205 Datasheet HTML 16Page - Richtek Technology Corporation RT8205 Datasheet HTML 17Page - Richtek Technology Corporation RT8205 Datasheet HTML 18Page - Richtek Technology Corporation RT8205 Datasheet HTML 19Page - Richtek Technology Corporation RT8205 Datasheet HTML 20Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
RT8205A/B/C
16
DS8205A/B/C-06 July 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Time (400
μs/Div)
REF
(5V/Div)
VREG3
(5V/Div)
VREG5
(5V/Div)
EN
(10V/Div)
No Load, VIN = 12V, TONSEL = GND,
EN= VIN, ENTRIP1 = ENTRIP2 =GND
Start Up
CP Start Up
Time (400
μs/Div)
UGATE1
(20V/Div)
VOUT1
(5V/Div)
LGATE1
(5V/Div)
No Load, VIN = 12V, TONSEL = GND, EN = VIN
CP
(5V/Div)
ENTRIP1 = ENTRIP2 = 0.91V, SKIPSEL = REF
VOUT1 Start Up
Time (400
μs/Div)
ENTRIP1
(2V/Div)
VOUT1
(5V/Div)
PGOOD
(10V/Div)
No Load, VIN = 12V, TONSEL = GND, EN = VIN
Inductor
Current
(2A/Div)
ENTRIP1 = ENTRIP2 = 0.91V
Standby Input Current vs. Input Voltage
240
242
244
246
248
250
252
7
9
11
13
15
17
19
21
23
25
Input Voltage (V)
No Load, EN = VIN, ENTRIP1 = ENTRIP2 = GND
Shutdown Input Current vs. Input Voltage
8
10
12
14
16
18
20
22
7
9
11
13
15
17
19
21
23
25
Input Voltage (V)
No Load, EN=GND, ENTRIP1 = ENTRIP2 =GND
VREF vs. Temperature
1.990
1.993
1.996
1.999
2.002
2.005
2.008
2.011
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (°C)
VIN = 12V, ENTRIP1 = ENTRIP2 = GND,
EN = VIN, TONSEL = GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com