Electronic Components Datasheet Search
  English  ▼

X  

RT8205 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8205
Description  High Efficiency, Main Power Supply Controllers for Notebook Computers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8205 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8205 Datasheet HTML 1Page - Richtek Technology Corporation RT8205 Datasheet HTML 2Page - Richtek Technology Corporation RT8205 Datasheet HTML 3Page - Richtek Technology Corporation RT8205 Datasheet HTML 4Page - Richtek Technology Corporation RT8205 Datasheet HTML 5Page - Richtek Technology Corporation RT8205 Datasheet HTML 6Page - Richtek Technology Corporation RT8205 Datasheet HTML 7Page - Richtek Technology Corporation RT8205 Datasheet HTML 8Page - Richtek Technology Corporation RT8205 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
RT8205A/B/C
®
DS8205A/B/C-06 July 2012
www.richtek.com
1
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Ordering Information
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Applications
Notebook and Sub-Notebook Computers
3-Cell and 4-Cell Li+ Battery-Powered Devices
High Efficiency, Main Power Supply Controllers
for Notebook Computers
General Description
The RT8205A/B/C dual step-down, switch-mode power-
supply controller generates logic-supply voltages in
battery-powered systems. The RT8205A/B/C includes two
pulse-width modulation (PWM) controllers fixed at 5V/
3.3V or adjustable from 2V to 5.5V. An alternative LGATE1
output LG1_CP can be used for external charge pump
(RT8205B). And an optional external charge pump can be
monitored through SECFB (RT8205C). This device also
features 2 linear regulators providing fixed 5V and 3.3V
outputs. The linear regulator each provides up to 70mA
output current with automatic linear-regulator bootstrapping
to the PWM outputs. The RT8205A/B/C includes on-board
power-up sequencing, the power-good output, internal soft-
start, and internal soft-discharge output that prevents
negative voltages on shutdown.
A constant on-time PWM control scheme operates without
sense resistor and provides 100ns response to load
transients while maintaining a relatively constant switching
frequency. The unique ultrasonic mode maintains the
switching frequency above 25kHz, which eliminates noise
in audio applications. Other features include diode-
emulation mode (DEM), which maximizes efficiency in
light-load applications, and fixed-frequency PWM mode,
which reduces RF interference in sensitive application
Features
Wide Input Voltage Range 6V to 25V
Dual Fixed 5V/3.3V Outputs or Adjustable from 2V
to 5.5V, 1.5% Accuracy.
Alternative LGATE1 Output (LG1_CP) acts as Clock
for Charge Pump (RT8205B)
Secondary Feedback Input Maintains Charge Pump
Voltage (RT8205C)
Fixed 3.3V and 5V LDO Output : 70mA
2V Reference Voltage
±1% : 50μμμμμA
Constant ON-Time Control with 100ns Load Step
Response
Frequency Selectable via TONSEL Setting
RDS(ON) Current Sensing and Programmable Current
Limit combined with Enable Control
Selectable PWM, DEM, or Ultrasonic Mode
Internal Soft-Start and Soft-Discharge
High Efficiency up to 97%
5mW Quiescent Power Dissipation
Thermal Shutdown
RoHS Compliant and Halogen Free
Package Type
QW : WQFN-24L 4x4 (W-Type)
Lead Plating System
G : Green (Halogen Free and Pb Free)
RT8205
Pin Function
A : Default
B : With LG1_CP
C : With SECFB


Similar Part No. - RT8205

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8205EGQW RICHTEK-RT8205EGQW Datasheet
405Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computer
RT8205L RICHTEK-RT8205L Datasheet
405Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computer
RT8205LGQW RICHTEK-RT8205LGQW Datasheet
405Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computer
RT8205LZQW RICHTEK-RT8205LZQW Datasheet
405Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computer
RT8205M RICHTEK-RT8205M Datasheet
405Kb / 26P
High Efficiency, Main Power Supply Controller for Notebook Computer
More results

Similar Description - RT8205

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8732 MAXIM-MAX8732 Datasheet
1Mb / 32P
High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 8/04
MAX8732A MAXIM-MAX8732A Datasheet
1Mb / 33P
High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 5/05
logo
Intersil Corporation
ISL6236A INTERSIL-ISL6236A Datasheet
3Mb / 37P
High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
March 18, 2008
logo
Maxim Integrated Produc...
MAX17003A MAXIM-MAX17003A Datasheet
617Kb / 36P
High-Efficiency, Quad-Output, Main Power- Supply Controllers for Notebook Computers
Rev 0; 6/07
logo
Richtek Technology Corp...
RT8206A RICHTEK-RT8206A Datasheet
442Kb / 26P
High-Efficiency, Main Power Supply Controllers for Notebook Computers
RT8206BGQW RICHTEK-RT8206BGQW Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003ETJ MAXIM-MAX17003ETJ Datasheet
610Kb / 36P
High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
Rev 0; 3/07
logo
Renesas Technology Corp
ISL6236A RENESAS-ISL6236A Datasheet
3Mb / 37P
High-Efficiency, Quad-Output, Main Power Supply Controllers for Notebook Computers
logo
Richtek Technology Corp...
RT8206B RICHTEK-RT8206B Datasheet
439Kb / 26P
High Efficiency, Main Power Supply Controllers for Notebook Computers
logo
Maxim Integrated Produc...
MAX17003 MAXIM-MAX17003 Datasheet
610Kb / 36P
High-Efficiency, Quad-Output, Main Power-Supply Controllers for Notebook Computers
19-0765; Rev 0; 3/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com