Electronic Components Datasheet Search
  English  ▼

X  

RT8205 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # RT8205
Description  High Efficiency, Main Power Supply Controllers for Notebook Computers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8205 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button RT8205 Datasheet HTML 6Page - Richtek Technology Corporation RT8205 Datasheet HTML 7Page - Richtek Technology Corporation RT8205 Datasheet HTML 8Page - Richtek Technology Corporation RT8205 Datasheet HTML 9Page - Richtek Technology Corporation RT8205 Datasheet HTML 10Page - Richtek Technology Corporation RT8205 Datasheet HTML 11Page - Richtek Technology Corporation RT8205 Datasheet HTML 12Page - Richtek Technology Corporation RT8205 Datasheet HTML 13Page - Richtek Technology Corporation RT8205 Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
RT8205A/B/C
10
DS8205A/B/C-06 July 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Electrical Characteristics
(VIN = 12V, EN = 5V, ENTRIP1 = ENTRIP2 = 2V, No Load on VREG5, VREG3, VOUT1, VOUT2 and REF, TA = 25
°C, unless
otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Supply
VIN Standby Supply
Current
IVIN_SBY
VIN = 6V to 25V, Both SMPS Off,
EN = 5V
--
200
--
μA
VIN Shutdown Supply
Current
IVIN_SHDH VIN = 6V to 25V, ENTRIPx = EN = GND
--
20
40
μA
Quiescent Power
Consumption
Both SMPSs On, FBx = SKIPSEL = REF
VOUT1 = 5.3V, VOUT2 = 3.5V
(Note 5)
--
5
7
mW
SMPS Output and FB Voltage
VOUT1 Output Voltage in
Fixed Mode
VOUT1
VIN = 6V to 25V, FB1= GND or 5V,
SKIPSEL = GND
4.975
5.05
5.125
V
VOUT2 Output Voltage in
Fixed Mode
VOUT2
VIN = 6V to 25V, FB2 = GND or 5V,
SKIPSEL = GND
3.285
3.33
3.375
V
FBx in Output Adjustable
Mode
FBx
VIN = 6V to 25V
1.975
2
2.025
V
SECFB Voltage
SECFB
VIN = 6V to 25V (RT8205C)
1.92
2
2.08
V
Output Voltage Adjust
Range
VOUTx
SMPS1, SMPS2
2
--
5.5
V
FBx Adjustable-mode
Threshold Voltage
Fixed or Adj-Mode comparator threshold
0.2
0.4
0.55
V
Either SMPS, SKIPSEL = GND, 0 to 5A
--
−0.1
--
%
Either SMPS, SKIPSEL = VREG5, 0 to 5A
--
−1.7
--
%
DC Load Regulation
VLOAD
Either SMPS, SKIPSEL = REF, 0 to 5A
--
−1.5
--
%
Line Regulation
VLINE
Either SMPS, VIN = 6V to 25V
--
0.005
--
%/V
On Time
VOUT1 = 5.05V
1895
2105
2315
TONSEL = GND
VOUT2 = 3.33V
999
1110
1221
VOUT1 = 5.05V
1227
1403
1579
TONSEL = REF
VOUT2 = 3.33V
647
740
833
VOUT1 = 5.05V
895
1052
1209
On-Time Pulse Width
tUGATEx
TONSEL = VREG5
VOUT2 = 3.33V
475
555
635
ns
Minimum Off-Time
tLGATEx
200
300
400
ns
Ultrasonic Mode
Frequency
SKIPSEL = VREG5 or VREG3
25
33
--
kHz
Soft Start
Soft-Start Time
tSSx
Zero to Full Limit from ENTRIPx Enable
--
2
--
ms
Current Sense
Current Limit Threshold
(Default)
VENTRIPx = VREG5, GND−PHASEx
180
200
220
mV
ENTRIPx Source Current IENTRIPx
VENTRIPx = 0.9V
9.4
10
10.6
μA
ENTRIPx Current
Temperature Coefficient
TCIENTRIPx
--
1600
--
PPM/
°C
ENTRIPx Adjustment
Range
VENTRIPx = IENTRIPx x RENTRIPx
0.5
--
2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com