Electronic Components Datasheet Search
  English  ▼

X  

RT8205 Datasheet(PDF) 18 Page - Richtek Technology Corporation

Part # RT8205
Description  High Efficiency, Main Power Supply Controllers for Notebook Computers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8205 Datasheet(HTML) 18 Page - Richtek Technology Corporation

Back Button RT8205 Datasheet HTML 14Page - Richtek Technology Corporation RT8205 Datasheet HTML 15Page - Richtek Technology Corporation RT8205 Datasheet HTML 16Page - Richtek Technology Corporation RT8205 Datasheet HTML 17Page - Richtek Technology Corporation RT8205 Datasheet HTML 18Page - Richtek Technology Corporation RT8205 Datasheet HTML 19Page - Richtek Technology Corporation RT8205 Datasheet HTML 20Page - Richtek Technology Corporation RT8205 Datasheet HTML 21Page - Richtek Technology Corporation RT8205 Datasheet HTML 22Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
RT8205A/B/C
18
DS8205A/B/C-06 July 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
UVP
Time (20
μs/Div)
VOUT1
(5V/Div)
VIN = 12V, TONSEL = GND, EN = VIN
SKIPSEL =GND
UGATE1
(20V/Div)
LGATE1
(10V/Div)
Inductor
Current
(5A/Div)
OVP
Time (4ms/Div)
PGOOD
(5V/Div)
VOUT1
(5V/Div)
No Load, VIN = 12V, TONSEL = GND, EN = VIN
SKIPSEL = REF
VOUT2
(2V/Div)
Power Off from ENTRIP1
Time (40ms/Div)
LGATE1
(5V/Div)
UGATE1
(20V/Div)
VOUT1
(5V/Div)
ENTRIP1
(1V/Div)
No Load, VIN = 12V, TONSEL = GND, EN = VIN
SKIPSEL =GND
VOUT2 PWM Mode Load Transient Response
Time (20
μs/Div)
UGATE2
(20V/Div)
VOUT2_ac
(50mV/Div)
LGATE2
(10V/Div)
VIN = 12V, TONSEL = GND, EN = VIN,
Inductor
Current
(5A/Div)
SKIPSEL = GND, IOUT2 = 0A to 6A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com