Electronic Components Datasheet Search
  English  ▼

X  

RT8205 Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT8205
Description  High Efficiency, Main Power Supply Controllers for Notebook Computers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8205 Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT8205 Datasheet HTML 5Page - Richtek Technology Corporation RT8205 Datasheet HTML 6Page - Richtek Technology Corporation RT8205 Datasheet HTML 7Page - Richtek Technology Corporation RT8205 Datasheet HTML 8Page - Richtek Technology Corporation RT8205 Datasheet HTML 9Page - Richtek Technology Corporation RT8205 Datasheet HTML 10Page - Richtek Technology Corporation RT8205 Datasheet HTML 11Page - Richtek Technology Corporation RT8205 Datasheet HTML 12Page - Richtek Technology Corporation RT8205 Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
RT8205A/B/C
9
DS8205A/B/C-06 July 2012
www.richtek.com
©
Copyright 2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Recommended Operating Conditions
(Note 4)
Input Voltage, VIN -------------------------------------------------------------------------------------------- 6V to 25V
Junction Temperature Range -------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range -------------------------------------------------------------------------------
−40°C to 85°C
Absolute Maximum Ratings
(Note 1)
VIN, EN to GND -----------------------------------------------------------------------------------------------
−0.3V to 28V
PHASEx to GND
DC ----------------------------------------------------------------------------------------------------------------
−0.3V to 28V
< 20ns ----------------------------------------------------------------------------------------------------------
−8V
BOOTx to PHASEx ------------------------------------------------------------------------------------------
−0.3V to 6V
ENTRIPx, SKIPSEL, TONSEL, PGOOD, to GND ----------------------------------------------------
−0.3V to 6V
VREG5, VREG3, FBx, VOUTx, SECFB, REF to GND ---------------------------------------------
−0.3V to (VREG5 + 0.3V)
UGATEx to PHASEx
DC ----------------------------------------------------------------------------------------------------------------
−0.3V to (VREG5 + 0.3V)
< 20ns ----------------------------------------------------------------------------------------------------------
−5V
LGATEx to GND
DC ----------------------------------------------------------------------------------------------------------------
−0.3V to (VREG5 + 0.3V)
< 20ns ----------------------------------------------------------------------------------------------------------
−2.5V
Power Dissipation, PD @ TA = 25
°C
WQFN-24L 4x4 ----------------------------------------------------------------------------------------------- 1.923W
Package Thermal Resistance (Note 2)
WQFN-24L 4x4,
θJA ------------------------------------------------------------------------------------------ 52°C/W
WQFN-24L 4x4,
θJC ----------------------------------------------------------------------------------------- 7°C/W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------ 260
°C
Junction Temperature ---------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range -------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 3)
HBM (Human Body Model) --------------------------------------------------------------------------------- 2kV
To be continued



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com