Electronic Components Datasheet Search
  English  ▼

X  

IR3553 Datasheet(PDF) 2 Page - International Rectifier

Part # IR3553
Description  40A Integrated PowIRstage짰
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3553 Datasheet(HTML) 2 Page - International Rectifier

  IR3553 Datasheet HTML 1Page - International Rectifier IR3553 Datasheet HTML 2Page - International Rectifier IR3553 Datasheet HTML 3Page - International Rectifier IR3553 Datasheet HTML 4Page - International Rectifier IR3553 Datasheet HTML 5Page - International Rectifier IR3553 Datasheet HTML 6Page - International Rectifier IR3553 Datasheet HTML 7Page - International Rectifier IR3553 Datasheet HTML 8Page - International Rectifier IR3553 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
November 29, 2012   | FINAL DATASHEET
2
IR3553
40A Integrated PowIRstage® 
PINOUT DIAGRAM 
 
 
Figure 3: IR3553 Pin Diagram, Top View 
ORDERING INFORMATION  
 
Package 
Tape & Reel Qty 
Part Number 
PQFN, 25 Lead 
4mm x 6mm 
3000 
IR3553MTRPBF 
Package 
Qty 
Part Number 
PQFN, 25 Lead 
4mm x 6mm 
100 
IR3553MPBF 
 
 
 TYPICAL APPLICATION DIAGRAM 
 
SW
PWM
VIN
PGND
Gate 
Drivers 
and 
Current
Sense 
Amplifier
LGND
VCC
PHSFLT#
IOUT
VCC
BOOST
VIN
PWM
IOUT
PHSFLT#
BBRK#
BBRK#
REFIN
REFIN
CSIN‐
CSIN+
IR3553
4.5V to 7V
4.5V to 15V
C2
10uF x 2
C5
0.22uF
C3
1uF
R1
10k
C4
0.22uF
R2
2.49k
L1
150nH
3
14‐16
17
18
19
20
22
21
23
1
2
12, 13
6‐11
C1
0.1uF
PGND 4
24
TGND
No Connect
C8
1nF
C9
22nF
Optional for 
diode emulation 
setup
VOUT
C7
470uF
C6
22uF
 
 
Figure 4: Application Circuit with Current Sense Amplifier 
 
  
 
 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com