Electronic Components Datasheet Search
  English  ▼

X  

IR3553 Datasheet(PDF) 1 Page - International Rectifier

Part # IR3553
Description  40A Integrated PowIRstage짰
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3553 Datasheet(HTML) 1 Page - International Rectifier

  IR3553 Datasheet HTML 1Page - International Rectifier IR3553 Datasheet HTML 2Page - International Rectifier IR3553 Datasheet HTML 3Page - International Rectifier IR3553 Datasheet HTML 4Page - International Rectifier IR3553 Datasheet HTML 5Page - International Rectifier IR3553 Datasheet HTML 6Page - International Rectifier IR3553 Datasheet HTML 7Page - International Rectifier IR3553 Datasheet HTML 8Page - International Rectifier IR3553 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
November 29, 2012   | FINAL DATASHEET
1
IR3553
40A Integrated PowIRstage® 
FEATURES 
 Peak efficiency up to 93.2% at 1.2V 
 Integrated driver, control MOSFET, synchronous 
MOSFET and Schottky diode 
 Input voltage (VIN) operating range up to 15V 
 Output voltage range from 0.25V up to 3.3V 
 Output current capability of 40A DC 
 Operation up to 1.0MHz 
 Integrated current sense amplifier 
 VCC under voltage lockout 
 Thermal flag 
 Body‐Braking® load transient support 
 Diode‐emulation high efficiency mode 
 Compatible with 3.3V PWM logic and VCC tolerant 
 Compliant with Intel DrMOS V4.0 
 PCB footprint compatible with IR3550 and IR3551 
 Efficient dual sided cooling 
 Small 4mm x 6mm x 0.9mm PQFN package 
 Lead free RoHS compliant package 
APPLICATIONS 
 Voltage Regulators for CPUs, GPUs, and DDR 
memory arrays 
 High current, low profile DC‐DC converters 
 
BASIC APPLICATION 
SW
PWM
VIN
PGND
VCC
VCC
BOOST
VIN
VOUT
PWM
CSIN+
CSIN‐
4.5V to 7V
LGND
IOUT
IOUT
BBRK#
BBRK#
REFIN
REFIN
4.5V to 15V
IR3553
PHSFLT#
PHSFLT#
 
Figure 1: IR3553 Basic Application Circuit 
DESCRIPTION 
The IR3553 integrated PowIRstage® is a synchronous buck 
gate  driver  co‐packed  with  a  control  MOSFET  and  a 
synchronous MOSFET with integrated Schottky diode. It is 
optimized  internally  for  PCB  layout,  heat  transfer  and 
driver/MOSFET  timing.  Custom  designed  gate  driver  and 
MOSFET  combination  enables  higher  efficiency  at  lower 
output  voltages  required  by  cutting  edge  CPU,  GPU  and 
DDR memory designs.  
Up  to  1.0MHz  switching  frequency  enables  high 
performance  transient  response,  allowing  miniaturization 
of output inductors, as well as input and output capacitors 
while maintaining industry leading efficiency. The IR3553’s 
superior efficiency enables smallest size and lower solution 
cost.  The  IR3553  PCB  footprint  is  compatible  with  the 
IR3550 (60A) and the IR3551 (50A). 
Integrated  current  sense  amplifier  achieves  superior 
current sense accuracy and signal to noise ratio vs. best‐in‐
class controller based Inductor DCR sense methods. 
The IR3553 incorporates the Body‐ Braking® feature which 
enables reduction of output capacitors. Synchronous diode 
emulation  mode  in  the  IR3553  removes  the  zero‐current 
detection  burden  from  the  PWM  controller  and  increases 
system light‐load efficiency. 
The  IR3553  is  optimized  specifically  for  CPU  core  power 
delivery  in  server  applications.  The  ability  to  meet  the 
stringent  requirements  of  the  server  market  also  makes 
the  IR3553  ideally  suited  to  powering  GPU  and  DDR 
memory designs and other high current applications. 
Figure 2: Typical IR3553 Efficiency & Power Loss (See Note 2 on Page 8) 
74
76
78
80
82
84
86
88
90
92
94
0
5
10
15
20
25
30
35
40
Output Current (A)
0
2
4
6
8
10
12
14
16
18
20


Similar Part No. - IR3553

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3553 IRF-IR3553 Datasheet
914Kb / 22P
40A Integrated PowIRstage
IR3553 IRF-IR3553_15 Datasheet
914Kb / 22P
40A Integrated PowIRstage
More results

Similar Description - IR3553

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40 Datasheet
85Kb / 7P
40A TRIACs
14-Oct-2005
TYNX40 STMICROELECTRONICS-TYNX40 Datasheet
50Kb / 4P
40A SCRs
Apr-2002
logo
International Rectifier
IR3550 IRF-IR3550 Datasheet
837Kb / 22P
60A Integrated PowIRstage짰
IR3551 IRF-IR3551 Datasheet
879Kb / 22P
The IR3551 integrated PowIRstage짰 is a synchronous buck gate driver co-packed with a control MOSFET and a synchronous MOSFET with integrated Schottky diode.
IR3558 IRF-IR3558 Datasheet
796Kb / 21P
The IR3558 integrated PowIRstage짰 is a synchronous buck gate driver co-packed with a control MOSFET and a synchronous MOSFET with integrated Schottky diode.
logo
Kersemi Electronic Co.,...
BTA40-600B KERSEMI-BTA40-600B Datasheet
1Mb / 6P
40A TRIACS
BTA41-800B KERSEMI-BTA41-800B Datasheet
1Mb / 6P
40A TRIACS
logo
International Rectifier
IR3552 IRF-IR3552_15 Datasheet
1Mb / 23P
40A Integrated PowIRstage
IR3553 IRF-IR3553_15 Datasheet
914Kb / 22P
40A Integrated PowIRstage
IR3557 IRF-IR3557_15 Datasheet
82Kb / 1P
40A Integrated PowIRstage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com