Electronic Components Datasheet Search
  English  ▼

X  

IR3553 Datasheet(PDF) 6 Page - International Rectifier

Part # IR3553
Description  40A Integrated PowIRstage짰
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3553 Datasheet(HTML) 6 Page - International Rectifier

Back Button IR3553 Datasheet HTML 2Page - International Rectifier IR3553 Datasheet HTML 3Page - International Rectifier IR3553 Datasheet HTML 4Page - International Rectifier IR3553 Datasheet HTML 5Page - International Rectifier IR3553 Datasheet HTML 6Page - International Rectifier IR3553 Datasheet HTML 7Page - International Rectifier IR3553 Datasheet HTML 8Page - International Rectifier IR3553 Datasheet HTML 9Page - International Rectifier IR3553 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
November 29, 2012   | FINAL DATASHEET
6
IR3553
40A Integrated PowIRstage® 
ELECTRICAL SPECIFICATIONS 
The electrical characteristics involve the spread of values guaranteed within the recommended operating conditions. 
Typical values represent the median values, which are related to 25°C. 
RECOMMENDED OPERATING CONDITIONS FOR RELIABLE OPERATION WITH MARGIN 
PARAMETER 
SYMBOL 
MIN 
MAX 
UNIT 
Recommended VIN Range 
VIN 
4.5 
15 
V 
Recommended VCC Range 
VCC 
4.5 
7 
V 
Recommended REFIN Range 
REFIN 
0.25 
VCC – 2.5 
V 
Recommended Switching Frequency 
ƒSW 
200 
1000 
kHz 
Recommended Operating Junction Temperature 
TJ 
0 
125 
°C 
 
ELECTRICAL CHARACTERISTICS 
PARAMETER 
SYMBOL 
CONDITIONS 
MIN 
TYP 
MAX 
UNIT 
Efficiency 
Note 2. See Figure 2.  
92.7  
% 
IR3553 Peak Efficiency 
Note 1 η 
Note 3. See Figure 7.  
92.2  
% 
PWM Comparator 
PWM Input High Threshold 
VPWM_HIGH  
PWM Tri‐state to High  
2.5  
 
V 
PWM Input Low Threshold 
VPWM_LOW  
PWM Tri‐state to Low  
 
0.8 
V  
PWM Tri‐state Float Voltage 
VPWM_TRI 
PWM Floating  
1.2 
1.65 
2.1 
V  
Hysteresis 
VPWM_HYS  
Active to Tri‐state or Tri‐
state to Active, Note 1 
65 
76 
100 
mV  
PWM Tri‐state to Low 
transition to GATEL >1V  
 
38  
ns  
Tri‐state Propagation Delay 
tPWM_DELAY 
PWM Tri‐state to High 
transition to GATEH >1V 
 
18  
ns 
PWM Sink Impedance 
RPWM_SINK 
 
3.67 
5.1 
8.70 
kΩ 
PWM Source Impedance 
RPWM_SOURCE 
 
3.67 
5.1 
8.70 
kΩ 
Internal Pull up Voltage 
VPWM_PULLUP 
VCC > UVLO  
3.3  
V 
Minimum Pulse Width 
tPWM_MIN 
Note 1  
41 
58 
ns 
Current Sense Amplifier 
CSIN+/‐ Bias Current  ICSIN_BIAS  
‐100 
0 
100 
nA 
CSIN+/‐ Bias Current Mismatch  ICSIN_BIASMM  
‐50 
0 
50 
nA 
Calibrated Input Offset Voltage  VCSIN_OFFSET 
Self‐calibrated offset,  
0.5V ≤ V(REFIN) ≤ 2.25V 
 
±450  
  
µV 
Gain  GCS 
0.5V ≤ V(REFIN) ≤ 2.25V 
30.0  
32.5  
35.0 
V/V 
Unity Gain Bandwidth 
 fBW 
 
 
C(IOUT) = 10pF. Measure at 
IOUT. Note 1 
4.8 
6.8 
8.8 
MHz 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com