Electronic Components Datasheet Search
  English  ▼

X  

IR3553 Datasheet(PDF) 8 Page - International Rectifier

Part # IR3553
Description  40A Integrated PowIRstage짰
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3553 Datasheet(HTML) 8 Page - International Rectifier

Back Button IR3553 Datasheet HTML 4Page - International Rectifier IR3553 Datasheet HTML 5Page - International Rectifier IR3553 Datasheet HTML 6Page - International Rectifier IR3553 Datasheet HTML 7Page - International Rectifier IR3553 Datasheet HTML 8Page - International Rectifier IR3553 Datasheet HTML 9Page - International Rectifier IR3553 Datasheet HTML 10Page - International Rectifier IR3553 Datasheet HTML 11Page - International Rectifier IR3553 Datasheet HTML 12Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
November 29, 2012   | FINAL DATASHEET
8
IR3553
40A Integrated PowIRstage® 
PARAMETER 
SYMBOL 
CONDITIONS 
MIN 
TYP 
MAX 
UNIT 
VCC Supply Current 
IVCC 
 VCC = 4.5V to 7V 
4 
8  12 
mA 
VIN Supply Leakage Current 
IVIN 
VIN = 20V, 125C, V(PWM) = 
Tri‐State 
  
1 
µA 
BOOST Supply Current  IBOOST 
 4.75V < V(BOOST)‐V(SW) < 
8V 
0.5  
1.5  
3.0 
mA 
REFIN Bias Current  IREFIN   
 ‐1.5 
0  
1 
µA 
SW Floating Voltage  VSW_FLOAT 
V(PWM) = Tri‐State  
0.2 
0.4 
V 
SW Pull Down Resistance  RSW_PULLDOWN 
BBRK# is Low or VCC = 0V  
18  
kΩ 
Notes  
1.   Guaranteed by design but not tested in production 
2.   VIN=12V, VOUT=1.2V, ƒSW = 300kHz, L=210nH (0.2mΩ), VCC=6.8V, CIN=47uF x 4, COUT =470uF x3, 400LFM airflow, no heat sink, 25°C 
ambient temperature, and 8‐layer PCB of 3.7” (L) x 2.6” (W). PWM controller loss and inductor loss are not included.  
3.   VIN=12V, VOUT=1.2V, ƒSW = 400kHz, L=150nH (0.29mΩ), VCC=7V, CIN=47uF x 4, COUT =470uF x3, no airflow, no heat sink, 25°C ambient 
temperature, and 8‐layer PCB of 3.7” (L) x 2.6” (W). PWM controller loss and inductor loss are not included.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com