Electronic Components Datasheet Search
  English  ▼

X  

IR3553 Datasheet(PDF) 17 Page - International Rectifier

Part # IR3553
Description  40A Integrated PowIRstage짰
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3553 Datasheet(HTML) 17 Page - International Rectifier

Back Button IR3553 Datasheet HTML 13Page - International Rectifier IR3553 Datasheet HTML 14Page - International Rectifier IR3553 Datasheet HTML 15Page - International Rectifier IR3553 Datasheet HTML 16Page - International Rectifier IR3553 Datasheet HTML 17Page - International Rectifier IR3553 Datasheet HTML 18Page - International Rectifier IR3553 Datasheet HTML 19Page - International Rectifier IR3553 Datasheet HTML 20Page - International Rectifier IR3553 Datasheet HTML 21Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
November 29, 2012   | FINAL DATASHEET
17
IR3553
40A Integrated PowIRstage® 
INPUT CAPACITORS CVIN 
At  least  two  10uF 1206 ceramic  capacitors  and  one 0.1uF 
0402  ceramic  capacitor  are  recommended  for  decoupling 
the  VIN  to  PGND  connection.  The  0.1uF  0402  capacitor 
should be on the same side of the PCB as the IR3553 and 
next  to  the  VIN  and  PGND  pins.  Adding  additional 
capacitance  and  use  of  capacitors  with  lower  ESR  and 
mounted  with  low  inductance  routing  will  improve 
efficiency  and  reduce  overall  system  noise,  especially  in 
single‐phase designs or during high current operation. 
BOOTSTRAP CAPACITOR CBOOST 
A  minimum  of  0.22uF  0402  capacitor  is  required  for  the 
bootstrap  circuit.  A  high  temperature  0.22uF  or  greater 
value  0402  capacitor  is  recommended.  It  should  be 
mounted on the same side of the PCB as the IR3553 and as 
close  as  possible  to  the  BOOST  pin.   A  low  inductance 
routing of the SW pin connection to the other terminal of 
the bootstrap capacitor is strongly recommended. 
VCC DECOUPLING CAPACITOR CVCC 
A 0.1uF to 1uF ceramic decoupling capacitor is required at 
the VCC pin. It should be mounted on the same side of the 
PCB as the IR3553 and as close as possible to the VCC and 
PGND  (pin  4).  Low  inductance  routing  between  the  VCC 
capacitor and the IR3553 pins is strongly recommended. 
BODY‐BRAKING® FEATURE 
The BBRK# pin should be pulled up to VCC if the feature is 
not  used  by  the  PWM  controller.  Use  of  a  small  value 
resistor or a direct connection to VCC is recommended. 
MOUNTING OF HEAT SINKS 
Care  should  be  taken  in  the  mounting  of  heat  sinks  so  as 
not  to  short‐circuit  nearby  components.   The  VCC  and 
Bootstrap  capacitors  are  typically  mounted  on  the  same 
side  of  the  PCB  as  the  IR3553.  The  mounting  height  of 
these  capacitors  must  be  considered  when  selecting  their 
package sizes. 
HIGH OUTPUT VOLTAGE DESIGN 
CONSIDERATIONS 
The  IR3553  is  capable  of  creating  output  voltages  above 
the 3.3V recommended maximum output voltage as there 
are  no  restrictions  inside  the  IR3553  on  the  duty  cycle 
applied  to  the  PWM  pin.  However  if  the  current  sense 
feature  is  required,  the  common  mode  range  of  the 
current  sense  amplifier  inputs  must  be  considered.  A 
violation  of  the  current  sense  input  common  mode  range 
may  cause  unexpected  IR3553  behavior.  Also  the  output 
current  rating  of  the  device  will  be  reduced  as  the  duty 
cycle  increases.  In  very  high  duty  cycle  applications 
sufficient time must be provided for replenishment of the 
Bootstrap capacitor for the control MOSFET drive. 
LAYOUT EXAMPLE 
Contact  International  Rectifier  for  a  layout  example 
suitable for your specific application. 



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com