Electronic Components Datasheet Search
  English  ▼

X  

SAM3X Datasheet(PDF) 16 Page - ATMEL Corporation

Part # SAM3X
Description  AT91SAM ARM-based Flash MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3X Datasheet(HTML) 16 Page - ATMEL Corporation

Back Button SAM3X Datasheet HTML 12Page - ATMEL Corporation SAM3X Datasheet HTML 13Page - ATMEL Corporation SAM3X Datasheet HTML 14Page - ATMEL Corporation SAM3X Datasheet HTML 15Page - ATMEL Corporation SAM3X Datasheet HTML 16Page - ATMEL Corporation SAM3X Datasheet HTML 17Page - ATMEL Corporation SAM3X Datasheet HTML 18Page - ATMEL Corporation SAM3X Datasheet HTML 19Page - ATMEL Corporation SAM3X Datasheet HTML 20Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 71 page
background image
18
11057BS–ATARM–13-Jul-12
SAM3X/A
18
11057BS–ATARM–13-Jul-12
SAM3X/A
4.2
SAM3X4/8E Package and Pinout
The SAM3X4/8E is available in 144-lead LQFP and 144-ball LFBGA packages.
4.2.1
144-lead LQFP Package Outline
Figure 4-3.
Orientation of the 144-lead LQFP Package
4.2.2
144-ball LFBGA Package Outline
The 144-Ball LFBGA package has a 0.8 mm ball pitch and respects Green Standards. Its dimen-
sions are 10 x 10 x 1.4 mm.
Figure 4-4.
Orientation of the 144-ball LFBGA Package
73
109
108
72
37
36
1
144
TOP VIEW
BALL A1
12
1
2
3
4
5
6
7
8
9
10
11
A B CDE F G HJ
K L M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com