Electronic Components Datasheet Search
  English  ▼

X  

SAM3X Datasheet(PDF) 18 Page - ATMEL Corporation

Part # SAM3X
Description  AT91SAM ARM-based Flash MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3X Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button SAM3X Datasheet HTML 14Page - ATMEL Corporation SAM3X Datasheet HTML 15Page - ATMEL Corporation SAM3X Datasheet HTML 16Page - ATMEL Corporation SAM3X Datasheet HTML 17Page - ATMEL Corporation SAM3X Datasheet HTML 18Page - ATMEL Corporation SAM3X Datasheet HTML 19Page - ATMEL Corporation SAM3X Datasheet HTML 20Page - ATMEL Corporation SAM3X Datasheet HTML 21Page - ATMEL Corporation SAM3X Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 71 page
background image
20
11057BS–ATARM–13-Jul-12
SAM3X/A
20
11057BS–ATARM–13-Jul-12
SAM3X/A
4.2.4
144-ball LFBGA Pinout
Table 4-4.
144-ball LFBGA SAM3X4/8E Pinout
A1
PA9
D1
PA17
G1
PA5
K1
VDDCORE
A2
PB23
D2
PD0
G2
PA7
K2
GNDUTMI
A3
PB14
D3
PA11
G3
PA8
K3
VDDPLL
A4
PC26
D4
PA15
G4
PA1
K4
NRSTB
A5
PC24
D5
PA14
G5
GND
K5
SHDN
A6
PC20
D6
PC27
G6
GND
K6
PC3
A7
PB10
D7
PC25
G7
GND
K7
PC6
A8
PB6
D8
VDDIO
G8
PC16
K8
PC7
A9
PB4
D9
PB5
G9
PC15
K9
PA18
A10
PC4
D10
PB0
G10
PC13
K10
PA23
A11
PA28
D11
PC30
G11
PB13
K11
PA16
A12
PA27
D12
PC19
G12
PB18
K12
PA24
B1
PA10
E1
PD1
H1
XOUT
L1
DHSDP
B2
PB26
E2
PD2
H2
PB30
L2
DHSDM
B3
PB24
E3
PD3
H3
PB28
L3
VDDUTMI
B4
PC28
E4
PD4
H4
PB29
L4
JTAGSEL
B5
PC23
E5
PD5
H5
VDDBU
L5
GNDBU
B6
PC0
E6
VDDCORE
H6
VDDCORE
L6
PC1
B7
PB9
E7
VDDCORE
H7
VDDIO
L7
PC2
B8
PB8
E8
VDDCORE
H8
PC12
L8
PC5
B9
PB3
E9
PB1
H9
PC11
L9
PC9
B10
PB2
E10
PC18
H10
PA3
L10
PA20
B11
PA26
E11
PB19
H11
PB12
L11
VDDANA
B12
PA25
E12
PB21
H12
PA2
L12
PB16
C1
PA13
F1
PD8
J1
XIN
M1
DFSDP
C2
PA12
F2
PD6
J2
GNDPLL
M2
DFSDM
C3
PB25
F3
PD9
J3
PD10
M3
VBG
C4
PB22
F4
PA0
J4
PB31
M4
VBUS
C5
PC22
F5
PD7
J5
TST
M5
XIN32
C6
PC21
F6
GND
J6
FWUP
M6
XOUT32
C7
PB11
F7
GND
J7
PB27
M7
VDDOUT
C8
PB7
F8
VDDIO
J8
NRST
M8
VDDIN
C9
PC10
F9
PC17
J9
PA19
M9
PC8
C10
PA29
F10
PC14
J10
PA22
M10
GNDANA
C11
PA21
F11
PB20
J11
PA4
M11
ADVREF
C12
PC29
F12
PB17
J12
PA6
M12
PB15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com