Electronic Components Datasheet Search
  English  ▼

X  

SAM3X Datasheet(PDF) 43 Page - ATMEL Corporation

Part # SAM3X
Description  AT91SAM ARM-based Flash MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3X Datasheet(HTML) 43 Page - ATMEL Corporation

Back Button SAM3X Datasheet HTML 39Page - ATMEL Corporation SAM3X Datasheet HTML 40Page - ATMEL Corporation SAM3X Datasheet HTML 41Page - ATMEL Corporation SAM3X Datasheet HTML 42Page - ATMEL Corporation SAM3X Datasheet HTML 43Page - ATMEL Corporation SAM3X Datasheet HTML 44Page - ATMEL Corporation SAM3X Datasheet HTML 45Page - ATMEL Corporation SAM3X Datasheet HTML 46Page - ATMEL Corporation SAM3X Datasheet HTML 47Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 71 page
background image
45
11057BS–ATARM–13-Jul-12
SAM3X/A
45
11057BS–ATARM–13-Jul-12
SAM3X/A
10.1
System Controller and Peripherals Mapping
Please refer to Figure 8-1 on page 37.
All the peripherals are in the bit band region and are mapped in the bit band alias region.
10.2
Power-on-Reset, Brownout and Supply Monitor
The SAM3X/A embeds three features to monitor, warn and/or reset the chip:
• Power-on-Reset on VDDBU
• Brownout Detector on VDDCORE
• Supply Monitor on VDDUTMI
10.2.1
Power-on-Reset on VDDBU
The Power-on-Reset monitors VDDBU. It is always activated and monitors voltage at start up
but also during power down. If VDDBU goes below the threshold voltage, the entire chip is reset.
For more information, refer to the “Electrical Characteristics” section of the product datasheet.
10.2.2
Brownout Detector on VDDCORE
The Brownout Detector monitors VDDCORE. It is active by default. It can be deactivated by soft-
ware through the Supply Controller (SUPC_MR). It is especially recommended to disable it
during low-power modes such as wait or sleep modes.
If VDDCORE goes below the threshold voltage, the reset of the core is asserted. For more infor-
mation, refer to the “Supply Controller” and “Electrical Characteristics” sections of the product
datasheet.
10.2.3
Supply Monitor on VDDUTMI
The Supply Monitor monitors VDDUTMI. It is not active by default. It can be activated by soft-
ware and is fully programmable with 16 steps for the threshold (between 1.9V to 3.4V). It is
controlled by the Supply Controller (SUPC). A sample mode is possible. It allows to divide the
supply monitor power consumption by a factor of up to 2048. For more information, refer to the
“SUPC” and “Electrical Characteristics” sections of the product datasheet.
10.3
Reset Controller
The Reset Controller is capable to return to the software the source of the last reset, either a
general reset, a wake-up reset, a software reset, a user reset or a watchdog reset.
The Reset Controller controls the internal resets of the system and the NRST pin output. It is
capable to shape a reset signal for the external devices, simplifying to a minimum connection of
a push-button on the NRST pin to implement a manual reset.
10.4
Supply Controller
The Supply Controller controls the power supplies of each section of the processor and periph-
erals (via Voltage regulator control).
The Supply Controller has its own reset circuitry and is clocked by the 32 kHz Slow clock
generator.
The reset circuitry is based on a zero-power power-on reset cell. The zero-power power-on reset
allows the Supply Controller to start properly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com