Electronic Components Datasheet Search
  English  ▼

X  

SAM3X Datasheet(PDF) 58 Page - ATMEL Corporation

Part # SAM3X
Description  AT91SAM ARM-based Flash MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3X Datasheet(HTML) 58 Page - ATMEL Corporation

Back Button SAM3X Datasheet HTML 54Page - ATMEL Corporation SAM3X Datasheet HTML 55Page - ATMEL Corporation SAM3X Datasheet HTML 56Page - ATMEL Corporation SAM3X Datasheet HTML 57Page - ATMEL Corporation SAM3X Datasheet HTML 58Page - ATMEL Corporation SAM3X Datasheet HTML 59Page - ATMEL Corporation SAM3X Datasheet HTML 60Page - ATMEL Corporation SAM3X Datasheet HTML 61Page - ATMEL Corporation SAM3X Datasheet HTML 62Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 71 page
background image
60
11057BS–ATARM–13-Jul-12
SAM3X/A
60
11057BS–ATARM–13-Jul-12
SAM3X/A
– Support for two PDC channels with connection to receiver and transmitter
– Connection to Peripheral DMA Controller or DMA Controller (TWI0) Channel
Capabilities Optimizes Data Transfers
12.4
USART
• Programmable Baud Rate Generator
• 5- to 9-bit full-duplex synchronous or asynchronous serial communications
– 1, 1.5 or 2 stop bits in Asynchronous Mode, or 1 or 2 stop bits in Synchronous Mode
– Parity generation and error detection
– Framing error detection, overrun error detection
– MSB- or LSB-first
– Optional break generation and detection
– By 8 or by-16 over-sampling receiver frequency
– Hardware handshaking RTS-CTS
– Receiver time-out and transmitter timeguard
– Optional Multi-drop Mode with address generation and detection
– Optional Manchester Encoding
• RS485 with driver control signal
• ISO7816, T = 0 or T = 1 Protocols for interfacing with smart cards
– NACK handling, error counter with repetition and iteration limit
• SPI Mode
–Master or Slave
– Serial Clock programmable Phase and Polarity
– SPI Serial Clock (SCK) Frequency up to MCK/6
• IrDA modulation and demodulation
– Communication at up to 115.2 Kbps
• LIN Mode (USART0 only)
– Compliant with LIN 1.3 and LIN 2.0 specifications
–Master or Slave
– Processing of frames with up to 256 data bytes
– Response Data length can be configurable or defined automatically by the Identifier
– Self synchronization in Slave node configuration
– Automatic processing and verification of the “Synch Break” and the “Synch Field”
– The “Synch Break” is detected even if it is partially superimposed with a data byte
– Automatic Identifier parity calculation/sending and verification
– Parity sending and verification can be disabled
– Automatic Checksum calculation/sending and verification
– Checksum sending and verification can be disabled
– Support both “Classic” and “Enhanced” checksum types
– Full LIN error checking and reporting
– Frame Slot Mode: the Master allocates slots to the scheduled frames automatically



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com