Electronic Components Datasheet Search
  English  ▼

X  

SAM3X Datasheet(PDF) 60 Page - ATMEL Corporation

Part # SAM3X
Description  AT91SAM ARM-based Flash MCU
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAM3X Datasheet(HTML) 60 Page - ATMEL Corporation

Back Button SAM3X Datasheet HTML 56Page - ATMEL Corporation SAM3X Datasheet HTML 57Page - ATMEL Corporation SAM3X Datasheet HTML 58Page - ATMEL Corporation SAM3X Datasheet HTML 59Page - ATMEL Corporation SAM3X Datasheet HTML 60Page - ATMEL Corporation SAM3X Datasheet HTML 61Page - ATMEL Corporation SAM3X Datasheet HTML 62Page - ATMEL Corporation SAM3X Datasheet HTML 63Page - ATMEL Corporation SAM3X Datasheet HTML 64Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 71 page
background image
62
11057BS–ATARM–13-Jul-12
SAM3X/A
62
11057BS–ATARM–13-Jul-12
SAM3X/A
12.7
Pulse Width Modulation Controller (PWM)
• One Eight-channel (SAM3A and 144-pin SAM3X) or One Four-channel (100-pin SAM3X) 16-
bit PWM Controller, 16-bit counter per channel
• Common clock generator, providing Thirteen Different Clocks
– A Modulo n counter providing eleven clocks
– Two independent Linear Dividers working on modulo n counter outputs
– High Frequency Asynchronous clocking mode
• Independent channel programming
– Independent Enable Disable Commands
– Independent Clock Selection
– Independent Period and Duty Cycle, with Double Bufferization
– Programmable selection of the output waveform polarity
– Programmable center or left aligned output waveform
– Independent Output Override for each channel
– Independent complementary Outputs with 12-bit dead time generator for each
channel
– Independent Enable Disable Commands
– Independent Clock Selection
– Independent Period and Duty Cycle, with Double Bufferization
• Synchronous Channel mode
– Synchronous Channels share the same counter
– Mode to update the synchronous channels registers after a programmable number
of periods
• Interfaced with Peripheral DMA (PDC) or with the DMA Controller (DMAC) Channels to
Reduce Processor Overhead
• Two independent event lines which can send up to 4 triggers on ADC within a period
• Three programmable external (PWMFIx pins) and three internal (from ADC, PMC controller
and Timer 0) Fault Inputs providing an asynchronous protection of outputs without MCU
intervention
• Stepper motor control (2 Channels)
12.8
High Speed Multimedia Card Interface (HSMCI)
• Compatibility with MultiMedia Card Specification Version 4.3
• Compatibility with SD Memory Card Specification Version 2.0
• Compatibility with SDIO Specification Version V2.0
• Compatibility with CE-ATA Specification 1.1
• Cards clock rate up to Master Clock divided by 2
• Boot Operation Mode support
• High Speed mode support
• Embedded power management to slow down clock rate when not used
• Supports 2 Multiplexed Slot(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com