Electronic Components Datasheet Search
  English  ▼

X  

XC6227 Datasheet(PDF) 12 Page - Torex Semiconductor

Part # XC6227
Description  700mA High Speed LDO Regulator with Reverse Current Protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6227 Datasheet(HTML) 12 Page - Torex Semiconductor

Back Button XC6227 Datasheet HTML 8Page - Torex Semiconductor XC6227 Datasheet HTML 9Page - Torex Semiconductor XC6227 Datasheet HTML 10Page - Torex Semiconductor XC6227 Datasheet HTML 11Page - Torex Semiconductor XC6227 Datasheet HTML 12Page - Torex Semiconductor XC6227 Datasheet HTML 13Page - Torex Semiconductor XC6227 Datasheet HTML 14Page - Torex Semiconductor XC6227 Datasheet HTML 15Page - Torex Semiconductor XC6227 Datasheet HTML 16Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
12/25
XC6227 Series
■特性例
  (2) 出力電圧-入力電圧特性例
  (3) 入出力電位差-出力電流特性例
Ta = 25℃
CIN = 1.0μF (ceramic),CL=2.2μF(ceramic)
Ta = 25℃
CIN = 1.0μF (ceramic),CL=2.2μF(ceramic)
CIN = 1.0μF (ceramic),CL=6.8μF(ceramic)
CIN = 1.0μF (ceramic),CL=6.8μF(ceramic)
Ta = 25℃
CIN = 1.0μF (ceramic),CL=2.2μF(ceramic)
Ta = 25℃
CIN = 1.0μF (ceramic),CL=2.2μF(ceramic)
XC6227x281
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Input Voltage: VIN [V]
IOUT=0.1mA
IOUT=10mA
IOUT=30mA
IOUT=100mA
XC6227x281
2.50
2.60
2.70
2.80
2.90
3.00
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage: VIN [V]
IOUT=0.1mA
IOUT=10mA
IOUT=30mA
IOUT=100mA
XC6227x501
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Input Voltage: VIN [V]
IOUT=0.1mA
IOUT=10mA
IOUT=30mA
IOUT=100mA
XC6227x501
4.70
4.80
4.90
5.00
5.10
5.20
5.25.4
5.65.8
6.0
Input Voltage: VIN [V]
IOUT=0.1mA
IOUT=10mA
IOUT=30mA
IOUT=100mA
XC6227x081
0
200
400
600
800
1000
1200
1400
0
100
200
300
400
500
600
700
Output Current: IOUT [mA]
-40℃
25℃
85℃
※Below the minimum
operating voltage
XC6227x151
0
200
400
600
800
1000
0
100
200
300
400
500
600
700
Output Current: IOUT [mA]
-40℃
25℃
85℃
※Below the minimum
operating voltage
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(2) Output Voltage vs. Input Voltage (Continued)
(3) Dropout Voltage vs. Output Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com