Electronic Components Datasheet Search
  English  ▼

X  

XC6227 Datasheet(PDF) 24 Page - Torex Semiconductor

Part # XC6227
Description  700mA High Speed LDO Regulator with Reverse Current Protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6227 Datasheet(HTML) 24 Page - Torex Semiconductor

Back Button XC6227 Datasheet HTML 17Page - Torex Semiconductor XC6227 Datasheet HTML 18Page - Torex Semiconductor XC6227 Datasheet HTML 19Page - Torex Semiconductor XC6227 Datasheet HTML 20Page - Torex Semiconductor XC6227 Datasheet HTML 21Page - Torex Semiconductor XC6227 Datasheet HTML 22Page - Torex Semiconductor XC6227 Datasheet HTML 23Page - Torex Semiconductor XC6227 Datasheet HTML 24Page - Torex Semiconductor XC6227 Datasheet HTML 25Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
24/25
XC6227 Series
■
MARKING RULE
●
SOT-25 / SOT-89-5 / USP-6C
(*) SOT-25 has a dot mark, which is printed under MARK ① (refer to drawings below).
①
represents product series
②
represents regulator type, voltage range, and accuracy
* Accuracy “1”- 0.1V step, Accuracy “B”- 0.05V step
③
represents output voltage.
④⑤
represents production lot number
01 to 09, 0A to 0Z, 11 to 9Z, A1 to A9, AA to Z9, ZA to ZZ repeated. (G, I, J, O, Q, W excluded)
* No character inversion used.
MARK
PRODUCT SERIES
3
XC6227******-G
MARK
REGULATOR TYPE
OUTPUT
VOLTAGE RANGE
ACCURACY
PRODUCT SERIES
A
A
0.8~2.9
1
XC6227A081**-G~XC6227A291**-G
B
A
0.85~2.95
B
XC6227A08B**-G~XC6227A29B**-G
C
A
3.0~5.0
1
XC6227A301**-G~XC6227A501**-G
D
A
3.05~4.95
B
XC6227A30B**-G~XC6227A49B**-G
E
C
0.8~2.9
1
XC6227C081**-G~XC6227C291**-G
F
C
0.85~2.95
B
XC6227C08B**-G~XC6227C29B**-G
H
C
3.0~5.0
1
XC6227C301**-G~XC6227C501**-G
K
C
3.05~4.95
B
XC6227C30B**-G~XC6227C49B**-G
MARK
OUTPUT
VOLTAGE (V)
MARK
OUTPUT
VOLTAGE (V)
MARK
OUTPUT
VOLTAGE (V)
0
-
3.0x
A
1.0x
4.0x
N
2.0x
5.0x
1
-
3.1x
B
1.1x
4.1x
P
2.1x
-
2
-
3.2x
C
1.2x
4.2x
R
2.2x
-
3
-
3.3x
D
1.3x
4.3x
S
2.3x
-
4
-
3.4x
E
1.4x
4.4x
T
2.4x
-
5
-
3.5x
F
1.5x
4.5x
U
2.5x
-
6
-
3.6x
H
1.6x
4.6x
V
2.6x
-
7
-
3.7x
K
1.7x
4.7x
X
2.7x
-
8
0.8x
3.8x
L
1.8x
4.8x
Y
2.8x
-
9
0.9x
3.9x
M
1.9x
4.9x
Z
2.9x
-
SOT-89-5
52
4
12
3
1
2
3
6
5
4
USP-6C
SOT-25(Under dot仕様)
12
3
54
①
②
③
④
⑤
拡大
●
SOT-25
●
SOT-89-5
●
USP-6C
Enlarge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com