Electronic Components Datasheet Search
  English  ▼

X  

XC6227 Datasheet(PDF) 16 Page - Torex Semiconductor

Part # XC6227
Description  700mA High Speed LDO Regulator with Reverse Current Protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6227 Datasheet(HTML) 16 Page - Torex Semiconductor

Back Button XC6227 Datasheet HTML 12Page - Torex Semiconductor XC6227 Datasheet HTML 13Page - Torex Semiconductor XC6227 Datasheet HTML 14Page - Torex Semiconductor XC6227 Datasheet HTML 15Page - Torex Semiconductor XC6227 Datasheet HTML 16Page - Torex Semiconductor XC6227 Datasheet HTML 17Page - Torex Semiconductor XC6227 Datasheet HTML 18Page - Torex Semiconductor XC6227 Datasheet HTML 19Page - Torex Semiconductor XC6227 Datasheet HTML 20Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
16/25
XC6227 Series
■特性例
  (10) CE立上り特性例
  (11)入力過渡応答特性例
Ta = 25℃, VIN=3.8V, IOUT=30mA, VCE = 0→3.8V, tr = 5μs
CIN =1.0μF (ceramic),CL=2.2μF (ceramic)
Ta = 25℃, VIN=6.0V, IOUT=30mA, VCE = 0→5.0V, tr = 5μs
CIN= 1.0μF (ceramic),CL=2.2μF (ceramic)
Ta = 25℃, IOUT=30mA
VIN = 1.8V⇔2.8V, tr = tf = 5μs, CL = 6.8μF (ceramic)
Ta = 25℃, VIN=1.8V, IOUT=30mA, VCE = 0→1.8V, tr = 5μs
CIN = 1.0μF (ceramic),CL=6.8μF(ceramic)
Ta = 25℃, VIN=2.5V, IOUT=30mA, VCE = 0→2.5V, tr = 5μs
CIN =1.0μF (ceramic),CL=6.8μF (ceramic)
Ta = 25℃, IOUT=30mA
VIN = 3.8V⇔4.8V, tr = tf = 5μs, CL = 6.8μF (ceramic)
XC6227x081
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
Time [40μs/div]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
CE Input Voltage
Output Voltage
XC6227x151
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
Time [40μs/div]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
CE Input Voltage
Output Voltage
XC6227x281
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
Time [40μs/div]
0.0
1.0
2.0
3.0
4.0
5.0
6.0
CE Input Voltage
Output Voltage
XC6227x501
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
Time [40μs/div]
0.0
2.0
4.0
6.0
8.0
10.0
12.0
CE Input Voltage
Output Voltage
XC6227x081
-2.2
-1.2
-0.2
0.8
1.8
2.8
3.8
Time [50μs/div]
0.78
0.79
0.80
0.81
0.82
0.83
0.84
Input Voltage
Output Voltage
XC6227x151
-1.5
-0.5
0.5
1.5
2.5
3.5
4.5
Time [50μs/div]
1.48
1.49
1.50
1.51
1.52
1.53
1.54
Input Voltage
Output Voltage
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(10) CE Rising Response Time
(11) Input Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com