Electronic Components Datasheet Search
  English  ▼

X  

XC6227 Datasheet(PDF) 15 Page - Torex Semiconductor

Part # XC6227
Description  700mA High Speed LDO Regulator with Reverse Current Protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6227 Datasheet(HTML) 15 Page - Torex Semiconductor

Back Button XC6227 Datasheet HTML 11Page - Torex Semiconductor XC6227 Datasheet HTML 12Page - Torex Semiconductor XC6227 Datasheet HTML 13Page - Torex Semiconductor XC6227 Datasheet HTML 14Page - Torex Semiconductor XC6227 Datasheet HTML 15Page - Torex Semiconductor XC6227 Datasheet HTML 16Page - Torex Semiconductor XC6227 Datasheet HTML 17Page - Torex Semiconductor XC6227 Datasheet HTML 18Page - Torex Semiconductor XC6227 Datasheet HTML 19Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
15/25
XC6227
Series
■特性例
  (8)逆流時VOUT端子シンク電流-出力電圧特性例
  (9) 入力立上り特性例
Ta = 25℃, IOUT=30mA
VIN = 0→3.8V,tr = 5μs, CL = 2.2μF (ceramic)
VIN=2.4V
Ta = 25℃, IOUT=30mA
VIN = 0→6.0V, tr = 5μs, CL = 2.2μF (ceramic)
Ta = 25℃, IOUT=30mA
VIN = 0→1.8V, tr = 5μs, CL = 6.8μF (ceramic)
Ta = 25℃, IOUT=30mA
VIN = 0→2.5V, tr = 5μs, CL = 6.8μF (ceramic)
XC6227
0
2
4
6
8
10
2.5
3
3.5
4
4.5
5
5.5
6
Output Voltage:VOUT(V)
-40℃
25℃
85℃
XC6227x081
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
Time [40μs/div]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Input Voltage
Output Voltage
XC6227x151
-3.0
-2.0
-1.0
0.0
1.0
2.0
3.0
Time [40μs/div]
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Input Voltage
Output Voltage
XC6227x281
-6.0
-4.0
-2.0
0.0
2.0
4.0
6.0
Time [40μs/div]
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Input Voltage
Output Voltage
Input Voltage
Output Voltage
XC6227x501
-4.0
-2.0
0.0
2.0
4.0
6.0
8.0
Time [40μs/div]
0.0
2.0
4.0
6.0
8.0
10.0
12.0
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(8) VOUT Sink Current vs. Output Voltage
(9) Input Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com