Electronic Components Datasheet Search
  English  ▼

X  

XC6227 Datasheet(PDF) 18 Page - Torex Semiconductor

Part # XC6227
Description  700mA High Speed LDO Regulator with Reverse Current Protection
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6227 Datasheet(HTML) 18 Page - Torex Semiconductor

Back Button XC6227 Datasheet HTML 14Page - Torex Semiconductor XC6227 Datasheet HTML 15Page - Torex Semiconductor XC6227 Datasheet HTML 16Page - Torex Semiconductor XC6227 Datasheet HTML 17Page - Torex Semiconductor XC6227 Datasheet HTML 18Page - Torex Semiconductor XC6227 Datasheet HTML 19Page - Torex Semiconductor XC6227 Datasheet HTML 20Page - Torex Semiconductor XC6227 Datasheet HTML 21Page - Torex Semiconductor XC6227 Datasheet HTML 22Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
18/25
XC6227 Series
■特性例
  (12) 負荷過渡応答特性例
  (13) リップル除去率特性例
VIN=3.8V , Ta = 25℃ , IOUT = 10⇔100mA , tr=tf=5μs
CIN = 1.0μF (ceramic) , CL=2.2μF(ceramic)
VIN=3.8V , Ta = 25℃ , IOUT = 10⇔300mA , tr=tf=5μs
CIN = 1.0μF (ceramic) , CL=2.2μF(ceramic)
VIN=6.0V , Ta = 25℃ , IOUT = 10⇔100mA , tr=tf=5μs
CIN = 1.0μF (ceramic) , CL=2.2μF(ceramic)
VIN=6.0V , Ta = 25℃ , IOUT = 10⇔300mA , tr=tf=5μs
CIN = 1.0μF (ceramic) , CL=2.2μF(ceramic)
Ta = 25℃, IOUT=30mA
VIN = 2.5VDC+0.5Vp-pAC, CL = 6.8μF (ceramic)
Ta = 25℃, IOUT=30mA
VIN = 1.8VDC+0.5Vp-pAC, CL = 6.8μF (ceramic)
XC6227x081
0
20
40
60
80
10
100
1k
10k
100k
1M
Ripple Frequency: f [Hz]
XC6227x151
0
20
40
60
80
10
100
1k
10k
100k
1M
Ripple Frequency: f [Hz]
XC6227x281
2.40
2.50
2.60
2.70
2.80
2.90
Time [100μs/div]
0
200
400
600
800
1000
Output Voltage
Output Current
XC6227x281
2.40
2.50
2.60
2.70
2.80
2.90
Time [100μs/div]
0
200
400
600
800
1000
Output Voltage
Output Current
XC6227x501
4.60
4.70
4.80
4.90
5.00
5.10
Time [100μs/div]
0
200
400
600
800
1000
Output Voltage
Output Current
XC6227x501
4.60
4.70
4.80
4.90
5.00
5.10
Time [100μs/div]
0
200
400
600
800
1000
Output Voltage
Output Current
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(12) Load Transient Response (Continued)
(13) Ripple Rejection Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com